Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 16Page - STMicroelectronics ST6G3244ME Datasheet HTML 17Page - STMicroelectronics ST6G3244ME Datasheet HTML 18Page - STMicroelectronics ST6G3244ME Datasheet HTML 19Page - STMicroelectronics ST6G3244ME Datasheet HTML 20Page - STMicroelectronics ST6G3244ME Datasheet HTML 21Page - STMicroelectronics ST6G3244ME Datasheet HTML 22Page - STMicroelectronics ST6G3244ME Datasheet HTML 23Page - STMicroelectronics ST6G3244ME Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Low drop-out voltage regulator
ST6G3244ME
20/27
Doc ID 022157 Rev 2
Note:
Level translator deactivated, *.dir = 0, CLK.h = VCCA, all other pins floating.
Table 14.
LDO static parameters (VEN = VCCA unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCCB_O
UT
Regulated
output voltage
(VCCB)
VBAT = 3 to 5 V, SEL = 0
IOUT = 0.1 to 50 mA,
TJ = –40 to 125 °C
2.75
2.90
3.05
V
VBAT = 3 to 5 V, SEL = 1
IOUT = 0.1 to 50 mA,
TJ = –40 to 125 °C
1.71
1.8
1.89
VDO
Drop-out
voltage
VCCB_OUT (nom) – 100 mV
TJ = –40 to 85 °C
SEL = 0
IOUT = 50 mA
25
40
mV
IOUT
VCCB_OUT
output current
50
mA
TSD
Thermal
shutdown
temperature
VBAT = 3.4 V
Shutdown
(temp.
↑ )
150
°C
Reset
(temp.
↓ )
130
Hysteresis
20
UVLO
Undervoltage
lockout
TJ = –40 to 125 °C
Shutdown
(VBAT ↓ )
2.3
2.5
2.7
V
Reset
(VBAT ↑ )
2.35
2.55
2.75
V
Hysteresis
50
mV
Table 15.
LDO dynamic parameters (VEN = VCCA unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
PSRR
Power supply
rejection ratio
VBAT = 3.4 V
IOUT = 50 mA
TJ = 25 °C
CVCCB = 2.2 µF, ESR = 5 mΩ
f = 1 kHz
40
dB
f = 10 kHz
30
tSTART
Settling time
VCCB_OUT ↑ 95% nom., VBAT = 5 V, IOUT = 50 mA,
TJ = –40 °C to 125 °C, CVCCB = 1 µF, enable L →H, SEL = 0
30
100
µs
VCCB_OUT ↑ 95% nom., VBAT = 5 V, IOUT = 50 mA,
TJ = –40 °C to 125 °C, CVCCB = 1 µF, enable L →H, SEL = 1
30
100
tSTOP
Discharge
time
VCCB_OUT ↓ 10% nom., VBAT = 3.4 V, IOUT = 1 mA,
TJ = 25 °C, CVCCB = 1 µF, enable H →L, SEL = 0
0.6
1
ms
VCCB_OUT ↓ 10% nom., VBAT = 3.4 V, IOUT = 1 mA,
TJ = 25 °C, CVCCB = 1 µF, enable H →L, SEL = 1
0.6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com