Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3244ME Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST6G3244ME
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244ME Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST6G3244ME Datasheet HTML 9Page - STMicroelectronics ST6G3244ME Datasheet HTML 10Page - STMicroelectronics ST6G3244ME Datasheet HTML 11Page - STMicroelectronics ST6G3244ME Datasheet HTML 12Page - STMicroelectronics ST6G3244ME Datasheet HTML 13Page - STMicroelectronics ST6G3244ME Datasheet HTML 14Page - STMicroelectronics ST6G3244ME Datasheet HTML 15Page - STMicroelectronics ST6G3244ME Datasheet HTML 16Page - STMicroelectronics ST6G3244ME Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ST6G3244ME
Passive integration and low-pass EMI filter
Doc ID 022157 Rev 2
13/27
Table 7.
Components
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
CIN-A
Input capacitance
for A-side
VBAT = 3.4 V, *.dir = VEN = VCCA
f = 1 MHz, VDC = 0 V ± 30 mV, VAC = 30 mV
510
pF
CIN-B
Input capacitance
for B-side
VBAT = 3.4 V, *.dir = 0 V, VEN = VCCA
f = 1 MHz, VDC = 0 V ± 30 mV, VAC = 30 mV
24
28
pF
R1, R2, R3,
R4, R5, R6(2)
EMIF resistors
TJ = 25 °C
32
40
48
Ω
R10, R11, R12
DAT0B, DAT1B,
DAT2B pull-up
resistors
TJ = 25 °C
49
70
91
k
Ω
R9
CMDB pull-up
resistor
TJ = 25 °C
10.5
15
19.5
k
Ω
R7
DAT3B pull-down
resistor
TJ = 25 °C
329
470
611
k
Ω
R13
CD pull-up resistor
TJ = 25 °C
70
100
130
k
Ω
R14
WP pull-up resistor
TJ = 25 °C
70
100
130
k
Ω
RPD
LDO resistor
TJ = 25 °C
90
130
170
Ω
REN
EN pull-down
resistor
TJ = 25 °C
500
k
Ω
RSEL
SEL pull-down
resistor
TJ = 25 °C
500
k
Ω
1.
See Note 1 on page 7 for definition of collective names of pins, for example *.dir.
2.
These values are guaranteed by design and statistical process control.
Table 8.
EMI filter attenuation
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IL0-200M
Filter attenuation(1)
Frequency range: 0 Hz to 200 MHz
6
-
-
dB
IL401-800M
Frequency range: 401 MHz to 800 MHz
10
-
-
IL801-2500M
Frequency range: 801 MHz to 2.5 GHz
20
-
-
IL2600-6000M
Frequency range: 2.6 GHz to 6 GHz
30
-
-
1.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com