Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 4Page - STMicroelectronics ST2329B Datasheet HTML 5Page - STMicroelectronics ST2329B Datasheet HTML 6Page - STMicroelectronics ST2329B Datasheet HTML 7Page - STMicroelectronics ST2329B Datasheet HTML 8Page - STMicroelectronics ST2329B Datasheet HTML 9Page - STMicroelectronics ST2329B Datasheet HTML 10Page - STMicroelectronics ST2329B Datasheet HTML 11Page - STMicroelectronics ST2329B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Supplementary notes
ST2329B
8/23
DocID023359 Rev 3
4
Supplementary notes
4.1
Driver requirements
The ST2329BQTR may be driven by an open drain or totem pole driver and the nature of
the device output is “open drain”. It must not be used to drive a pull-down resistor as the
impedance of the output at HIGH state depends on the pull-up resistor placed at the I/Os.
As the device has pull-up resistors on both the I/OVCC and I/OVL ports, the user needs to
ensure that the driver is able to sink the required amount of current. For example, if the
settings are VCC =5.5 V, VL = 4.3 V, and the pull-up resistor is 10 k, then the driver must
be able to sink at least (5.5 V / 10 k
) + (4.3 V / 10 k)
1 mA and still meet the V
IL
requirements of the ST2329BQTR.
4.2
Load driving capability
To support the open drain system, the one-shot transistor is turned on only during high
transition at the output side. When it drives a high state, after the one-shot transistor is
turned off, only the pull-up resistor is able to maintain the state. In this case, the resistive
load is not recommended.
4.3
Power-off feature
In some applications where it may be required to turn off one of the power supplies
powering up the level translator, the user can turn off the VCC only when the OE pin is low
(device is disabled). There is no current consumption in VL due to floating gates or other
causes, and the I/Os are in a high-impedance state in this mode.
4.4
Truth table
Table 3. Truth table
Enable
Bi-directional input/output
OE
I/OVCC
I/OVL
H(1)
1. High level VL power supply referred.
H(2)
2. High level VCC power supply referred.
H(1)
H(1)
L
L
L
Z(3)
3. Z = high-impedance.
Z(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com