Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 6Page - STMicroelectronics ST2329B Datasheet HTML 7Page - STMicroelectronics ST2329B Datasheet HTML 8Page - STMicroelectronics ST2329B Datasheet HTML 9Page - STMicroelectronics ST2329B Datasheet HTML 10Page - STMicroelectronics ST2329B Datasheet HTML 11Page - STMicroelectronics ST2329B Datasheet HTML 12Page - STMicroelectronics ST2329B Datasheet HTML 13Page - STMicroelectronics ST2329B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
ST2329B
10/23
DocID023359 Rev 3
6
Electrical characteristics
6.1
DC characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25 °C.
Table 6. DC characteristics
Symbol
Parameter
VL
VCC
Test conditions
Value
Unit
TA = 25
oC
-40 to 85 oC
Min.
Typ.
Max.
Min.
Max.
VIHL
High level input
voltage (I/OVL)
1.65
VL to 5.5
1.4

1.4
V
2.0
1.6

1.6
2.5
2.0

2.0
3.0
2.4

2.4
3.6
2.8

2.8
VILL
Low level input
voltage (I/OVL)
1.65
VL to 5.5

0.3
0.3
V
2.0

0.4
0.4
2.5

0.5
0.5
3.0

0.6
0.6
3.6

0.8
0.8
VIHC
High level input
voltage (I/OVCC)
1.65 to VCC
1.8
1.6

1.6
V
2.5
2.3

2.3
3.0
2.7

2.7
3.6
3.3

3.3
4.3
3.5

3.5
5.5
4.2

4.2
VILC
Low level input
voltage (I/OVCC)
1.65 - 2.5
3 - 5.5

0.3
V
2.7 - 3.6
3.6 - 5.5

0.5
VIH-OE
High level input
voltage (OE)
1.65
VL to 5.5
1.0

1.0
V
2.0
1.2

1.2
2.5
1.4

1.4
3.0
1.6

1.6
3.6
2.0

2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com