Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 1 Page - STMicroelectronics

  ST2329B Datasheet HTML 1Page - STMicroelectronics ST2329B Datasheet HTML 2Page - STMicroelectronics ST2329B Datasheet HTML 3Page - STMicroelectronics ST2329B Datasheet HTML 4Page - STMicroelectronics ST2329B Datasheet HTML 5Page - STMicroelectronics ST2329B Datasheet HTML 6Page - STMicroelectronics ST2329B Datasheet HTML 7Page - STMicroelectronics ST2329B Datasheet HTML 8Page - STMicroelectronics ST2329B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
February 2013
DocID023359 Rev 3
1/23
1
ST2329B
2-bit dual supply level translator without direction control pin, open
drain output
Datasheet
- production data
Features
 18 Mbps (max.) data rate when driven by
a totem pole driver
 6.8 Mbps (max.) data rate when driven by an
open drain pole driver
 Bi-directional level translation without direction
control pin
 Wide VL voltage range of 1.65 to 3.6 V
 Wide VCC voltage range of VL to 5.5 V
 Power-down mode feature: when either supply
is OFF, all I/Os are in high impedance
 Low quiescent current (max. 4 µA)
 Able to be driven by totem pole and open drain
drivers
 5.5 V tolerant Enable pin
 ESD performance on all pins: ±2 kV HBM
 Small package and footprint: QFN8
(1.4 x 1.2 x 0.55 mm) package
Applications
 Low-voltage system level translation
 Mobile phones and other mobile devices
 I2C level translation
 UART level translation
QFN8
(1.4 x 1.2 x 0.55 mm)
Table 1. Device summary
Order code
Package
Packing
Package
topmark
ST2329BQTR
QFN8
(1.4 x 1.2 x
0.55 mm)
Tape and
reel (3000
parts per
reel)
3A
www.st.com


Similar Part No. - ST2329B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2329 STMICROELECTRONICS-ST2329 Datasheet
147Kb / 8P
2-bit dual supply level translator without control pin
05-May-2007
ST2329 STMICROELECTRONICS-ST2329 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2329AQTR STMICROELECTRONICS-ST2329AQTR Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2329I STMICROELECTRONICS-ST2329I Datasheet
305Kb / 22P
2-bit dual-supply level translator with auto-direction feature and integrated pull-up
02-Mar-2011
More results

Similar Description - ST2329B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
4-bit dual supply level translator without direction control pin
26-Nov-2007
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
2-bit dual supply level translator without direction control pin
07-May-2008
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
2-bit dual supply level translator without direction control pin
16-Jul-2008
ST2349A STMICROELECTRONICS-ST2349A Datasheet
413Kb / 23P
4-bit dual supply level translator without direction control pin
16-Jul-2008
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
07-Sep-2009
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
4-bit dual supply level translator without direction control pin
14-Jun-2012
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
4-bit dual supply level translator without direction control pin
19-Jun-2012
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
8-bit dual supply level translator without direction control pin
August 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com