Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 11Page - STMicroelectronics ST2329B Datasheet HTML 12Page - STMicroelectronics ST2329B Datasheet HTML 13Page - STMicroelectronics ST2329B Datasheet HTML 14Page - STMicroelectronics ST2329B Datasheet HTML 15Page - STMicroelectronics ST2329B Datasheet HTML 16Page - STMicroelectronics ST2329B Datasheet HTML 17Page - STMicroelectronics ST2329B Datasheet HTML 18Page - STMicroelectronics ST2329B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DocID023359 Rev 3
15/23
ST2329B
Electrical characteristics
Table 11. AC characteristics - test conditions: VL = 2.5 - 2.7 V (device driven by totem pole driver)
Symbol
Parameter
VCC =2.7 - 3.6 V
VCC =4.3 - 5.5V
Unit
Min.
Max.
Min.
Max.
tRVCC
Rise time I/OVCC
6.9
4.0
ns
tFVCC
Fall time I/OVCC
14.8
19.1
ns
tRVL
Rise time I/OVL
5.3
5.6
ns
tFVL
Fall time I/OVL
9.8
10.0
ns
tI/OVL-VCC
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
3.2
3.1
ns
tPHL
8.2
11.6
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
2.6
2.2
ns
tPHL
5.3
5.9
ns
tPZL
tPLZ
Output enable and
disable time
En
8
12
ns
Dis
40
40
ns
DR
Data rate(1)
9
6.8
MHz
1. The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of
the input I/O signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle
deviation not less than 30%.
Table 12. AC characteristics - test conditions: VL = 2.7 - 3.6 V (device driven by totem pole driver)
Symbol
Parameter
VCC =4.3 - 5.5V
Unit
Min.
Max.
tRVCC
Rise time I/OVCC
4.3
ns
tFVCC
Fall time I/OVCC
17.2
ns
tRVL
Rise time I/OVL
4.5
ns
tFVL
Fall time I/OVL
9.7
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
2.7
ns
tPHL
10.6
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
1.9
ns
tPHL
4.8
ns
tPZL
tPLZ
Output enable and disable time
En
7ns
Dis
40
ns
DR
Data rate(1)
7.2
MHz
1. The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of
the input I/O signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle
deviation not less than 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com