Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 10Page - STMicroelectronics ST2329B Datasheet HTML 11Page - STMicroelectronics ST2329B Datasheet HTML 12Page - STMicroelectronics ST2329B Datasheet HTML 13Page - STMicroelectronics ST2329B Datasheet HTML 14Page - STMicroelectronics ST2329B Datasheet HTML 15Page - STMicroelectronics ST2329B Datasheet HTML 16Page - STMicroelectronics ST2329B Datasheet HTML 17Page - STMicroelectronics ST2329B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Electrical characteristics
ST2329B
14/23
DocID023359 Rev 3
6.2.2
Device driven by totem pole driver
Load CL =15pF; RUP =10k; driver tR = tF ≤ 6 ns over temperature range -40 °C to
85 °C.
Table 10. AC characteristics - test conditions: VL =1.65-1.8V
(device driven by totem pole driver)
Symbol
Parameter
VCCB = 1.8 - 2.5 V VCCB =2.7 -3.6 V VCCB =4.3 -5.5 V
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRVCC
Rise time I/OVCC
11.2
6.9
2.0
ns
tFVCC
Fall time I/OVCC
23.2
33.9
43.9
ns
tRVL
Rise time I/OVL
8.7
8.6
8.5
ns
tFVL
Fall time I/OVL
16.4
17.6
16.9
ns
tI/OVL-
VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
6.5
4.5
4.1
ns
tPHL
13.9
19.1
30.2
ns
tI/OVCC-
VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
4.5
4.6
4.0
ns
tPHL
8.6
9.0
9.5
ns
tPZL
tPLZ
Output enable and
disable time
En
15
15
20
ns
Dis
40
40
40
ns
DR
Data rate(1)
6.4
4.5
3.4
MHz
1. The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of
the input I/O signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle
deviation not less than 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com