Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 15Page - STMicroelectronics ST2329B Datasheet HTML 16Page - STMicroelectronics ST2329B Datasheet HTML 17Page - STMicroelectronics ST2329B Datasheet HTML 18Page - STMicroelectronics ST2329B Datasheet HTML 19Page - STMicroelectronics ST2329B Datasheet HTML 20Page - STMicroelectronics ST2329B Datasheet HTML 21Page - STMicroelectronics ST2329B Datasheet HTML 22Page - STMicroelectronics ST2329B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package mechanical data
ST2329B
20/23
DocID023359 Rev 3
Figure 7. Package outline for QFN8 (1.4 x 1.2 x 0.55 mm) - 0.40 mm pitch
1. Dimension b applies to the metallized terminal and is measured between 0.10 and 0.20 mm from the
terminal tip. If the terminal has the optional radius on the other end of the terminal, dimension b should not
be measured in that radius area.
2. Applied only for terminals.
3. Bilateral coplanarity zone applies to the exposed heatsink slug as well as the terminals.
4. Dimensions and tolerancing conform to ASME Y14.5M - 1994.
Table 15. Mechanical data for QFN8 (1.4 x 1.2 x 0.55 mm) - 0.40 mm pitch
Symbol
Dimensions (mm)
Note
Min.
Nom.
Max.
A
0.50
0.55
0.60
A1
0.00
-
0.05
b
0.15
0.20
0.25
(1)
1. Dimension b applies to the metallized terminal and is measured between 0.10 and 0.20 mm
from the terminal tip. If the terminal has the optional radius on the other end of the terminal,
dimension b should not be measured in that radius area.
B0
-
12°
(2)
2. All dimensions are in millimeters, B is in degrees.
e
0.40 BSC
N8
(3)
3. N is the total number of terminals.
L
0.25
0.30
0.35
$09
 














'$780 $ 25%
7(50,1$/ 7,3
7(50,1$/ 
,1',&$725


;
 &
$
%

&
&

0
'$780%
$
$
6($7,1*3/$1(
&

; 
H
'$780 $
3,1/($'
&$ %
&$ %
&
$
0
0
;/
;E
723 9,(:
6,'(9,(:
%277209,(:
$
E
E
H
H
H
&&

2'' 7(50,1$/ 6,'(
/
(9(1 7(50,1$/ 6,'(
6(&7,21&&
6&$/(121(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com