Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329B Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST2329B
Description  2-bit dual supply level translator without direction control pin, open drain output
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST2329B Datasheet HTML 15Page - STMicroelectronics ST2329B Datasheet HTML 16Page - STMicroelectronics ST2329B Datasheet HTML 17Page - STMicroelectronics ST2329B Datasheet HTML 18Page - STMicroelectronics ST2329B Datasheet HTML 19Page - STMicroelectronics ST2329B Datasheet HTML 20Page - STMicroelectronics ST2329B Datasheet HTML 21Page - STMicroelectronics ST2329B Datasheet HTML 22Page - STMicroelectronics ST2329B Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID023359 Rev 3
21/23
ST2329B
Package mechanical data
Figure 8. QFN8 carrier tape - 8 mm width
1. Measured from centerline of sprocket hole to centerline of pocket.
2. Cumulative tolerance of 10 sprocket holes is ± 0.20.
3. Measured from centerline of sprocket hole to centerline of pocket.
4. Other material available.
5. Typical SR of form tape max. 10°
/SR.
6. All dimensions are in millimeters unless otherwise stated.
Figure 9. QFN8 reel for carrier tape - 8 mm width
Table 16. QFN8 carrier tape dimensions - 8 mm width
Carrier tape
Symbol
Ao
Bo
Ko
F
P1
W
Dimensions
1.52 ± 0.05
1.52 ± 0.05
0.73 ± 0.05
3.50 ± 0.05
4.00 ± 0.10
8.00 ± 0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com