Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM621 Datasheet HTML 1Page - National Semiconductor (TI) LM621 Datasheet HTML 2Page - National Semiconductor (TI) LM621 Datasheet HTML 3Page - National Semiconductor (TI) LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (See Notes) (Continued)
Parameter
Conditions
Typ
Tested
Design
Units
Limits
Limits
DEAD-TIME SECTION
High Level Input Voltage
DIRECTION
Pin 3 e 0V
20
20
V min
OUTPUT INHIBIT
20
20
V min
DEAD-TIME ENABLE
Pin 17 e 0V
20
20
V min
High Level Input Current
Vin e 5V
DIRECTION
Pin 3 e 0V
100
150
m
A max
OUTPUT INHIBIT
60
100
m
A max
DEAD-TIME ENABLE
200
300
m
A max
Low Level Input Voltage
DIRECTION
Pin 3 e 0V
06
04
V max
OUTPUT INHIBIT
06
04
V max
DEAD-TIME ENABLE
03
02
V max
Low Level Input Current
DIRECTION
Vin e 06V
b
100
b
150
m
A max
OUTPUT INHIBIT
Vin e 06V
b
60
b
100
m
A max
DEAD-TIME ENABLE
Vin e 0V
b
200
b
300
m
A max
Propagation Delays
Dead-Time Off
(Inputs to Outputs)
(Pin 3 e 0V)
OUTPUT INHIBIT
200
ns
DIRECTION
200
ns
Minimum Clock Period
R e 11 kX R1 e 1k
18
m
s
TCLK (Notes 3 11)
C e 200 pF
Clock Accuracy
R e 30k R1 e 1k
g
3%
f e 100 kHz (Note 11)
C e 420 pF
Minimum Dead-Time
Dead-Time Off
15
ns
Minimum Dead-Time
Dead-Time On
2
TCLK
COMPLETE CIRCUIT
Total Current Drains
Outputs Off
ICC1
10
mA min
ICC1
15
22
30
mA max
ICC2
VCC2 e 40V
2
mA min
ICC2
36
9
mA max
Undervoltage Lockout
36
30
VMAX
VCC1
Note 1
Unless otherwise noted ambient temperature (TA) e 25 C
Note 2
Unless otherwise noted VCC1 ea50V ‘‘recommended operating range VCC e 45V to 55V’’ VCC2 ea100V ambient temperature e 25 C
Note 3
The clock period is typically TCLK e (0756 c 10
b
3)(R a 1) C where T
CLK is in ms RisinkX and C is pF Also see selection graph in Typical
Characteristics for determining values of R and C Note that the value of R should be no less than 11 kX and C no less than 200 pF
Note 4
Tested limits are guaranteed and 100% production tested
Note 5
Design limits are guaranteed (but not 100% production tested) at the indicated temperature and supply voltages These limits are not used to calculate
outgoing quality levels
Note 6
Specifications in boldface apply over junction temperature range of b40 Cto a85 C
Note 7
Typical Thermal Resistances
OJA (see Note 8)
N pkg board mounted
110 CW
N pkg socketed
118 CW
Note 8
Package thermal resistance indicates the ability of the package to dissipate heat generated on the die Given ambient temperature and power dissipation
the thermal resistance parameter can be used to determine the approximate operating junction temperature Operating junction temperature directly effects
product performance and reliability
Note 9
This part specifically does not have thermal shutdown protection to avoid safety problems related to an unintentional restart due to thermal time constant
variations Care should be taken to prevent excessive power dissipation on the die
Note 10
Human body model 100 pF discharged through a 1500X resistor
Note 11
R1 e 0 for C t 620 pF
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com