Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) LM621 Datasheet HTML 10Page - National Semiconductor (TI) LM621 Datasheet HTML 11Page - National Semiconductor (TI) LM621 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Typical Applications (Continued)
FOUR-PHASE EXAMPLE
Figure 6 is typical of the circuitry used to commutate a four-
phase motor using the LM621 This application is seen to
differ from the three-phase application example in that the
LM621 outputs are utilized differently Four-phase motors
require four-phase power switches which in turn require the
commutator to provide four current-sinking outputs and four
current sourcing outputs The 18-pin package of the LM621
facilitates only three sinking and three sourcing outputs The
schematic shows the 3060 SELECT input in the 30-degree
select state (pin 8 high) and rotor-position sensor inputs
HS2 and HS3 connected together This connection trun-
cates the number of possible rotor-position input states to
four which is consistent with the 90-degree quadrature ro-
tor-position signals provided by four-phase motors With the
LM621 outputs connected as shown this approach pro-
vides the needed power-switch drive signals for a four-
phase motor Note that only four of the six LM621 outputs
(SINK
1 and
3 and SOURCE
1 and
3) are used
directly and that these are also inverted to form the remain-
ing four SINK
2 and SOURCE
2 outputs are not used
HALF-WAVE DRIVE EXAMPLE
The previous applications examples involved delta-config-
ured motor windings and full-wave operation of the motor
The application shown in
Figure 7 differs in that it features
half-wave operation of a motor with the windings in a Y-con-
figuration This approach is suitable for automotive and oth-
er applications where only low-voltage power supplies are
conveniently available The advantage of this power-switch-
ing scheme is that there is only one switch-voltage drop in
series with the motor winding thereby conserving more of
the available voltage for application to the motor winding
Half-wave operation provides only unidirectional current to
the windings in contrast to the bidirectional currents applied
by the previous full-wave examples
TLH8679 – 11
FIGURE 6 Commutation of Four-Phase Motor
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com