Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM621 Datasheet HTML 1Page - National Semiconductor (TI) LM621 Datasheet HTML 2Page - National Semiconductor (TI) LM621 Datasheet HTML 3Page - National Semiconductor (TI) LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH8679
August 1992
LM621 Brushless Motor Commutator
General Description
The LM621 is a bipolar IC designed for commutation of
brushless DC motors The part is compatible with both
three- and four-phase motors It can directly drive the power
switching devices used to drive the motor The LM621 pro-
vides an adjustable dead-time circuit to eliminate ‘‘shoot-
through’’ current spiking in the power switching circuitry
Operation is from a 5V supply but output swings of up to
40V are accommodated The part is packaged in an 18-pin
dual-in-line package
Features
Y
Adjustable dead-time feature eliminates current spiking
Y
On-chip clock oscillator for dead-time feature
Y
Outputs drive bipolar power devices (up to 35 mA base
current) or MOSFET power devices
Y
Compatible with three- and four-phase motors
Bipolar drive to delta- or Y-wound motors
Unipolar drive to center-tapped Y-wound motors
Supports 30- and 60-degree shaft position sensor
placements for three-phase motors
Supports 90-degree sensor placement for four-phase
motors
Y
Directly interfaces to pulse-width modulator output(s)
via OUTPUT INHIBIT (PWM magnitude) and DIREC-
TION (PWM sign) inputs
Y
Direct interface to Hall sensors
Y
Outputs are current limited
Y
Undervoltage lockout
Connection Diagram
TLH8679 – 1
Order Number LM621N
See NS Package Number N18A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM621

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM621 SEOUL-LM621 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM621 SEOUL-LM621 Datasheet
360Kb / 13P
CYAN LAMP LED
LM621 SEOUL-LM621 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM621 SEOUL-LM621 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM621 SEOUL-LM621 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM621

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
Brushless Motor Driver
logo
LSI Computer Systems
LS7260 LSI-LS7260 Datasheet
79Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
LS7362 LSI-LS7362 Datasheet
92Kb / 6P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
Brushless Motor Driver
May, 2013
logo
List of Unclassifed Man...
DB59M024035-A ETC-DB59M024035-A Datasheet
100Kb / 1P
Brushless Dc motor
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
Brushless Motor
logo
LSI Computer Systems
LS7260 LSI-LS7260_15 Datasheet
212Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
LS7362 LSI-LS7362_15 Datasheet
198Kb / 6P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
logo
STEPPERONLINE
42BLS47-24-01 STEPPERONLINE-42BLS47-24-01 Datasheet
119Kb / 1P
Brushless DC Motor
logo
promoco-motors.com
33BL PROMOCO-33BL Datasheet
303Kb / 1P
Brushless DC Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com