Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM621 Datasheet HTML 1Page - National Semiconductor (TI) LM621 Datasheet HTML 2Page - National Semiconductor (TI) LM621 Datasheet HTML 3Page - National Semiconductor (TI) LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Performance Characteristics
for R and C
Selection Graph
vs Temperature
Supply Currents
vs Temperature
Supply Currents
Vsat vs Temperature
Vdrop vs Temperature
(
TA e 25 C)
Typ Vdrop vs Iout source
Typ Vsat vs Iout sink
TLH8679 – 2
Description of Inputs and Outputs
Pin 1 VCC1 (a5V) The logic and clock power supply pin
Pin 2 DIRECTION
This input determines the direction of
rotation of the motor ie
clockwise vs counterclockwise
See truth table
Pin 3 DEAD-TIME ENABLE
This input enables or disables
the dead-time feature Connecting a5V to pin 3 enables
dead-time and grounding pin 3 disables it Pin 3 should not
be allowed to float
Pin 4 CLOCK TIMING
An RC network connected between
this pin and ground sets the period of the clock oscillator
which determines the amount of dead-time See
Figure 2
and text
Pins 5 thru 7 HS1 HS2 and HS3 (Hall-sensor inputs)
These inputs receive the rotor-position sensor inputs from
the motor Three-phase motors provide all three signals
four phase motors provide only two one of which is con-
nected to both HS2 and HS3
Pin 8 3060 SELECT
This input is used to select the re-
quired decoding for three-phase motors ie either ‘‘30-de-
gree’’ (a5V) or ‘‘60-degree’’ (ground) Connect pin 8 to
a
5V when using a four-phase motor
Pin 9 LOGIC GROUND
Ground for the logic power supply
Pin 10 POWER GROUND
Ground for the output buffer
supply
Pins 11 thru 13 SOURCE OUTPUTS
The three current-
sourcing outputs which drive the external power devices
that drive the motor
Pins 14 thru 16 SINK OUTPUTS
The three current-sinking
outputs which drive the external power devices that drive
the motor
Pin 17 OUTPUT INHIBIT
This input disables the LM621
outputs It is typically driven by the magnitude signal from an
external signmagnitude PWM generator Pin 17 ea5V e
outputs off
Pin 18 VCC2 (a5to a40V) This is the supply for the
collectors of the three current-sourcing outputs (pins 11 thru
13) When driving MOSFET power devices pin 18 may be
connected to a voltage source of up to a40V to achieve
sufficient output swing for the gate When driving bipolar
power devices pin 18 should be connected to a5V to mini-
mize on-chip power dissipation Undervoltage lockout auto-
matically shuts down all outputs if the VCC1 supply is too
low All outputs will be off if VCC1 falls below the undervol-
tage lockout voltage
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com