Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) LM621 Datasheet HTML 10Page - National Semiconductor (TI) LM621 Datasheet HTML 11Page - National Semiconductor (TI) LM621 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Dead-Time Feature (Continued)
Dead-time is defined as the time the outputs are blanked off
(to prevent shoot-through currents) after a direction change
input See
Figure 3 It can be seen that the dead-time is two
clock periods Since the dead-time scheme introduces de-
lay into the system feedback control loop which could im-
pact system performance or stability it is important that the
dead-time be kept to a minimum From
Figure 3 it can be
seen that the time between a direction change signal and
the initiation of output blanking can vary up to one clock
period due to asynchronous nature of the clock and the
direction signal
Typical Applications
THREE-PHASE EXAMPLES
Figure 4 is a typical LM621 application This circuitry is for
use with a three-phase motor having 30-degree sensor
phasing as indicated by connection of the 3060 SELECT
input pin 8 to a logic ‘‘1’’ (a5V) The same connection of
the DEAD-TIME ENABLE input pin 3 enables this feature
Typical power switches and a simple implementation of an
overcurrent sensing circuit are also detailed in
Figure 4 This
application example assumes a device turn-off time of about
48 ms maximum as evidenced by the choice of R and C
See Typical Performance Characteristics The choice of RC
should be made such that two periods are at least equal to
the maximum device turn-off time
The choice of the value for Rlimit (the resistors which couple
the LM621 outputs to the power switches) depends on the
input current requirements of the power switching devices
These resistors should be chosen to provide only the
amount of current needed by the device inputs up to 50 mA
(typical) The resistors minimize the dissipation incurred by
the LM621 Although
Figure 4 shows the 5 – 40V supply (pin
18) connected to the motor supply voltage this was done
only to emphasize the ability of the part to provide up to 40V
output swings For the bipolar power switches shown con-
necting pin 18 to a 5V supply would reduce on-chip power
dissipation Driving FET power switches however may re-
quire connecting pin 18 to a higher voltage
Figure 5 is the
three-phase application built with MOSFET power-switching
components Note that since the output Vdrop (sourcing) is
at least 15V VCC2 can be chosen to avoid overdriving the
MOSFET gates
TLH8679 – 9
FIGURE 4 Commutation of Three-Phase Motor (Bipolar Switches)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com