Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM621 Datasheet HTML 1Page - National Semiconductor (TI) LM621 Datasheet HTML 2Page - National Semiconductor (TI) LM621 Datasheet HTML 3Page - National Semiconductor (TI) LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Functional Description
The commutation decoder receives Hall-sensor inputs HS1
HS2 and HS3 and a 3060 SELECT input This block de-
codes the gray-code sequence to the required motor-drive
sequence
The dead-time generator monitors the DIRECTION input
and inhibits the outputs (pins 11 thru 16) for a time sufficient
to prevent current-spiking in the external power switches
when the direction is reversed
The six chip outputs drive external power switching devices
which drive the motor Three outputs source current the
remaining three sink current The output transistors provide
up to 50 mA outputs for driving devices or up to 40V output
swings for driving MOSFETs The LM621 logic is powered
from 5V
The undervoltage lockout section monitors the VCC supply
and if the voltage is not sufficient to permit reliable logic
operation the outputs are shutdown
Three-Phase Motor Commutation
There are two popular conventions for establishing the rela-
tive phasing of rotor-position signals for three-phase mo-
tors While usually referred to as 30-degree and 60-degree
sensor placements this terminology refers to mechanical
degrees of sensor placement not electrical degrees The
electrical angular resolution is the required 60 degrees in
both cases The phasing differences can be noted by com-
paring the sequences of HS1 through HS3 entries in Table I
LM621 Commutation Decoder Truth Table which shows
both the 30- and 60-degree phasings (and the 90-degree
phasing for four-phase motors) and their required decoder
logic truth tables respectively Table I shows the phasing
(or codes) of the Hall-effect sensors for each 60-degree
(electrical) position range of the rotor and correlates these
data to the commutator sink and source outputs required to
drive the power switches These phasings are common to
several motor manufacturers The 60-degree phasing is pre-
ferred to 30-degree phasing because the all-zeros and all-
ones codes are not generated The 60-degree phasing is
more failsafe because the all-zeros and all-ones codes
could be inadvertently generated by things like disconnect-
ed or shorted sensors
Because the above terminology is not used consistently
among all motor manufacturers Table II Alternative Sen-
sor-phasing Names will hopefully clarify some of the differ-
ences Table II shows a different 60-degree phasing and
120- 240- and 300-degree phasings Comparison with Ta-
ble I will show that these four phasings are essentially shift-
ed andor reversed-order versions of those used with the
LM621
Figure 1 shows the waveforms associated with the commu-
tation decoder logic for a motor which has 60-degree rotor-
position phasing along with the generated motor-drive
waveforms As can be seen in the drawing Hall-effect sen-
sor signals HS1 through HS3 are separated by 60 electrical
degrees which is the required angular resolution for three-
phase motors
TLH8679 – 6
FIGURE 1 Commutation Waveforms for 60-degree Phasing
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com