Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM621 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM621
Description  LM621 Brushless Motor Commutator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM621 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM621 Datasheet HTML 3Page - National Semiconductor (TI) LM621 Datasheet HTML 4Page - National Semiconductor (TI) LM621 Datasheet HTML 5Page - National Semiconductor (TI) LM621 Datasheet HTML 6Page - National Semiconductor (TI) LM621 Datasheet HTML 7Page - National Semiconductor (TI) LM621 Datasheet HTML 8Page - National Semiconductor (TI) LM621 Datasheet HTML 9Page - National Semiconductor (TI) LM621 Datasheet HTML 10Page - National Semiconductor (TI) LM621 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Dead-Time Feature
The DEAD-TIME ENABLE input is used to enable this fea-
ture (by connecting a5V to pin 3) The reason for providing
this feature is that the external power switches are usually
totem-pole structures Since these structures switch heavy
currents if either totem-pole device is not completely turned
off when its complementary device turns on heavy ‘‘shoot-
through’’ current spiking will occur This situation occurs
when the motor DIRECTION input changes (when all output
drive polarities reverse) at which time device turn-off delay
can cause the undesired current spiking
Figure 2 shows the logic of the dead-time generator The
dead-time generator includes an RC oscillator to generate a
required clock Pin 4 (CLOCK TIMING) is used to connect
an external RC network to set the frequency of this oscilla-
tor The clock frequency should be adjusted so that two
periods of oscillation just slightly exceed the worst-case
turn-off time of the power switching devices As shown by
the graph in Typical Peformance Characteristics the time of
one clock period (in ms) is approximately (0756 c 10
b
3)
(R a 1) C where R is in kX and C is in pF the period can
be measured with an oscilloscope at pin 4 The dead-time
generator function monitors the DIRECTION input for
changes synchronizes the direction changes with the inter-
nal clock and inhibits the chip outputs for two clock periods
Flip-flops FF1 through FF3 form a three-bit shift-register
delay line the input of which is the DIRECTION input The
flip-flops are the only elements clocked by the internal clock
generator The shift register outputs must all have the same
state in order to enable gate G1 or G2 one of which must
be enabled to enable the chip outputs As soon as a direc-
tion change input is sensed at the output of FF1 gates G1
and G2 will be disabled thereby disabling the drive to the
power switches for a time equal to two clock periods
FIGURE 2 Dead-Time Generator Logic Diagram
TLH8679 – 7
TLH8679 – 8
FIGURE 3 Dead-Time Generator Waveforms
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com