Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4923GETTR-R Datasheet HTML 1Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 2Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Terminal List Table
Name
Function
Number
Name
Function
Number
HC-
Analog hall input C
1
SC
High-side source connection C
17
HA+
Analog hall input A
2
GLC
Low-side gate drive C
18
HB+
Analog hall input B
3
GLB
Low-side gate drive B
19
HC+
Analog hall input C
4
GLA
Low-side gate drive A
20
VREG3.3
3.3V regulator capacitor terminal
5
LSS
Low-side sense resistor connection
21
GND
Ground
6
–
No connect
22
VREG7.2
7.2V regulator capacitor terminal
7
–
No connect
23
CP1
Charge pump capacitor terminal
8
–
No connect
24
CP2
Charge pump capacitor terminal
9
STARTn
Digital start input
25
VCP
Charge pump reservoir cap terminal
10
DIR
Digital direction input
26
VBB
Supply voltage
11
BRAKE
Digital brake input
27
GHA
High-side gate drive A
12
TEST1
ATE terminal, can be left open or
connected to GND
28
SA
High-side source connection A
13
FGO
Digital motor-speed output
29
GHB
High-side gate drive B
14
TEST2
ATE terminal, can be left open or
connected to GND
30
SB
High-side source connection B
15
HA-
Analog hall input A
31
GHC
High-side gate drive C
16
HB-
Analog hall input B
32
PAD
-
1
HC-
PAD
24
No Connect
2
HA+
23
No Connect
3
HB+
22
No Connect
4
HC+
21
LSS
5
VREG3.3
20
GLA
6
GND
19
GLB
7
VREG7.2
18
GLC
8
CP1
17
SC
Pin-out Diagrams
ET Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com