Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4923GETTR-R Datasheet HTML 1Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 2Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS Valid at TA = 25°C, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply and Reference
VBB Voltage Range
VBB
10
–
32
V
VBB Supply Current
IBB
–
18
22
mA
VREG3.3 Voltage
VREG3.3
I = 0 to -5 mA
2.9
3.3
3.5
V
VREG7.2 Voltage
VREG7.2
Gate Drive Supply, I = 0 to -24 mA
6.8
7.2
7.6
V
VREG7.2 Current Limit
ILIMREG7.2
–30
–
–
mA
Logic Inputs
STARTn, DIR, BRAKE
Logic Input Low Level
VIL
0
–
0.8
V
Logic Input High Level
VIH
2.0
–
5.5
V
Logic Input Hysteresis
VHYS
–
350
–
kHz
Logic Input Current
RIN
Pull-up to internal 3.3V
34
47
60
kΩ
IIN(1)
VIN = 5 V
–
36
–
µA
IIN(0)
VIN = 0 V
–
–70
–
µA
Logic Outputs
FGO
Output Saturation Voltage
VSAT
I = -7 mA
–
0.14
0.21
V
Output Leakage
IFGO
V = 3.3 V
–
–
1
µA
Halls
Hall Input Current
IHALL
VIN = 0.2 V to 3.4 V
–1
0
1
µA
Common Mode Input Range
VCMR
0.2
–
3.4
V
AC Input Voltage Range
VHALL
50
–
–
mVp-p
Hall Digital Filter Time
tHALL
–
1.6
–
µs
Gate Drive
PWM Carrier Frequency
fPWM
19
20
21
kHz
Current Limit Input Threshold
VLSS
Threshold on LSS terminal
216
240
256
mV
Gate Drive Output Voltage
VGS
IGATE = -2 mA
6.0
6.9
–
V
Gate Drive Source Current
IGSRC
VGX = 4 V
-21
-30
-39
mA
Gate Drive Sink Current
IGSNK
VGX = 4 V
50
70
90
mA
Gate Pulldown, Passive
RPULLDOWN
–
300
–
kΩ
Dead Time
tDEAD
1460
–
1880
µs
Fixed Off-time
tOFF
21.0
–
27.5
µs
LSS Digital Filter Time
tBLANK
720
–
880
µs
Protection
Thermal Shutdown Temperature
TJTSD
–
130
–
°C
Thermal Shutdown Hysteresis
D
TJTSD
–
10
–
°C
VBB UVLO Threshold
VUVLO
Rising VBB
–
7.0
7.85
V
VBB UVLO Hysteresis
VUVLOHYST
0.5
0.75
1.0
V
NOTES:
1.
Typical Data is for design information only.
2.
Negative current is defined as coming out of (sourcing) the specified device terminal.
3.
Specifications over operating temperature range are assured by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com