Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 10Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sine Mode
When the motor is stopped, a Hall Timeout error exists since the
hall-transition timer has timed out. When a start signal is applied
via the STARTn terminal, the motor is enabled in trapezoidal
mode. When two consecutive hall transitions do not overflow the
hall-transition timer, the Hall Timeout error is cleared and the
drive switches to sinusoidal mode.
The sine modulation profile is stored in a digital look-up table.
The sine modulation value is updated from the profile 192 times
per electrical revolution. At each hall transition, which occurs
every 60° or every 32 steps, the profile index is forced to the
appropriate step. It is then advanced the successive 32 steps with
a timer set internally using the previous hall transition period.
The motor outputs are generated as follows (phase advance is not
shown to simplify this diagram):
60º
60º
60º
60º
60º
60º
60º
60º
60º
60º
60º
60º
HA
Forward
Reverse
Motor
Position
from Hall
Inputs
Trapezoidal
Drive (startup) -
Motor Terminal
Voltage
Sine Drive -
Internal Sine
Modulation
Signal
SA
SA
HB
SB
SB
HC
SC
SC
Figure 1: Motor Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com