Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A4923GETTR-R Datasheet HTML 2Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Hall
Time
Filter
Sine Drive
PWM
Generation
Trap
Decode
&
Direction
Detection
Driver
Control
&
Mode
Selection
Reg
7.2 V
VReg7.2
Reg
3.3 V
VReg3.3
VBB
Monitor
Charge
Pump
20 kHz PWM
Dead
Time
Time
Filter
+
-
FGO
HC+
HC-
HALL A, B, C
HB+
HB-
HA+
HA-
STARTn
BRAKE
DIR
TEST1
TEST2
GND
LSS
1.2 V
GLC
GLB
GLA
CP1
SC
SB
SA
CP2
GHC
GHB
GHA
VCP
VBB
VBB
Reg 7.2 V
OVER-
CURRENT
Parallel
Control
Register
2.5 MHz OSC
40 MHz PLL
Gate
Driver
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com