Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 10Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
STARTn
The STARTn terminal is the active-low start/stop logic input.
(low = start, high = all gate drive outputs off). Internally pulled
up to VREG3.3.
BRAKE
The BRAKE terminal is the active-high logic input to turn on all
low-side MOSFETs. The STARTn terminal must be active (low)
to enable brake. Internally pulled up to VREG3.3
DIR
The DIR terminal is the logic input to control the motor’s direc-
tion. A logic high = FWD and a logic low = REV. Internally
pulled up to VREG3.3.
Table 1:
STARTn
BRAKEn
Fault
Function
H
X
L
All gate outputs low
L
L
L
Run
L
H
L
Brake
X
X
H
All gate outputs low
FGO
The FGO terminal is an open-drain logic output which toggles
state each hall transition.
TEST1, TEST2
The TEST1 and TEST2 terminals are for ATE testing and can be
left open or tied to GND.
Current Limit
Over-current is controlled by an internal fixed off-time PWM
control circuit. At the trip point, the sense comparator turns off
the enabled low-side driver, turns on the corresponding high side
driver, and the motor current recirculates through the high-side
drivers.
ITRIP = 240 mV / RSENSE
Hall Inputs
Unique circuitry incorporates hysteresis which toggles polarity
with the hall input slope direction. This allows the hall com-
parators to operate with very small offsets and results in highly
symmetrical comparator outputs. A digital filter on the hall inputs
minimizes sensitivity to noise.
VPOS
A 0.1 μF capacitor is required between this terminal and GND to
stabilize the internal 3.3 V regulator
VREG
A 0.1 μF capacitor is required between this terminal and GND to
stabilize the low-side gate supply.
Charge Pump
Terminals CP1, CP2, and VCP generate a voltage above VBB
that is used for the high-side gate supply. A 0.1 μF capacitor is
required between the CP1 and CP2 terminals, and between VCP
and VBB.
Fault
A fault occurs when VBB, the charge pump, or HBIAS falls
below the respective UVLO threshold, the device temperature
rises above TJ, or the hall inputs indicate an invalid state (111 or
000). The outputs are disabled in the event of a fault. Faults are
not latched, and the device resumes operation once the fault is
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com