Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 3 Page - Allegro MicroSystems

  A4923GETTR-R Datasheet HTML 1Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 2Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3-Phase Sinusoidal Motor Controller
A4923
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VBB
36
V
Logic Input Voltage Range
VIN
–0.3 to 6
V
Logic Outputs
VO
6
V
Junction Temperature
TJ
150
°C
Operating Ambient Temperature
Range
TA
Range G
–40 to 105
°C
Storage Temperature Range
Tstg
–55 to 150
°C
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Unit
Package Thermal Resistance A4923GET
RθJA
On 2-sided PCB, 1 in2 copper
50
ºC/W
On 4-layer PCB
32
ºC/W
*Additional thermal information available on the Allegro website.
Selection Guide
Part Number
Package
Packing
Sidewall Plating
A4923GETTR-T
5 mm X 5 mm, 0.90 mm nominal height QFN
1500 pieces per reel
No
A4923GETTR-R*
5 mm X 5 mm, 0.90 mm nominal height QFN
1500 pieces per reel
Yes
*Contact factory for availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com