Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4923GETTR-R Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A4923GETTR-R
Description  3-Phase Sinusoidal Motor Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4923GETTR-R Datasheet(HTML) 2 Page - Allegro MicroSystems

  A4923GETTR-R Datasheet HTML 1Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 2Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 3Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 4Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 5Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 6Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 7Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 8Page - Allegro MicroSystems A4923GETTR-R Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Description
Designed to control three-phase brushless DC motors, the
A4923iscapableofhigh-currentgatedriveforanallN-channel
power MOSFET 3-phase bridge.
Sinusoidal current control is employed via output PWM, to
minimize vibration, noise, and torque ripple.
Internal circuit protection includes thermal shutdown with
hysteresis, over-current, and dead-time protection. Special
power up sequencing is not required.
The A4923 is supplied in a 32 terminal 5×5×0.9mm QFN
package (suffix ET) with exposed pad for enhanced thermal
dissipation. This small footprint package is lead (Pb) free with
100% matte tin leadframe plating, and it is also available with
optional sidewall plating.
A4923-DS
Features and Benefits
• Sinusoidal Drive Current
• Hall Element Inputs
• PWM Current Limiting
• Dead-time Protection
• FGO (Tach) Output
• Internal UVLO
• Thermal Shutdown Circuitry
3-Phase Sinusoidal Motor Controller
Packages: 32-Pin QFN (suffix ET)
Typical Application Diagram
Not to scale
A4923
External
Control
FGO
Hall
HC+
HC-
Hall
HB+
HB-
Hall
HA+
HA-
STARTn
BRAKE
DIR
GND
TEST1
TEST2
BLDC Motor
Rsense
LSS
A4923
GLC
GLB
GLA
CP1
SC
SB
SA
CP2
GHC
GHB
GHA
Phase A
Phase B
Phase C
VCP
VBB
VBB
VREG7.2
VREG3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com