Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 2: LED Detection Voltage Thresholds
LED Pin Voltage
Level
LED Pin
Action
Less than 70 mV
Indicates a short to
PCB GND
A8519 will not
proceed with power
up.
150 mV
Not used
LED string connected
with the unused LED
pin is removed from
operation
325 mV
LED pin in use
None
Figure 4: LED String Detect Occurs when All LED Strings are
Selected to be Used
LED Detection
Figure 5: Detect Voltage is about 150 mV when LED Pin 2 is not
Used
If an LED pin is shorted to ground, the A8519 will not proceed
with soft-start until the short is removed from the LED pin. This
prevents the A8519 from powering up and putting an uncon-
trolled amount of current through the LEDs.
Figure 6: One LED Pin is Shorted to GND.
The IC will not proceed with power up until LED pin is released, at
which point the LED pin is checked to see if it is used.
Powering Up: Boost Output Undervoltage Protection
During startup, after the input disconnect switch has been
enabled, the output voltage is checked through the OVP pin. If
the sensed voltage does not rise above VUVP(th), the output is
assumed to be at fault and the IC will not proceed with soft-start.
Undervoltage protection may be caused by one of the following
faults:
•
Output capacitor shorted to GND
•
Boost inductor or diode open
•
OVP sense resistor open
After an Output UVP fault has been detected, the A8519 immedi-
ately shuts down but does not latch off. It will retry as soon as the
UVP fault is removed.
In case of output capacitor shorted to GND fault, however, the
high inrush current will also trip the Input OCP fault. This causes
the IC to shut down and latch off. To enable the IC again, the
PWM pin must be pulled low for at least 32,750 clock cycles
(about 16 ms at 2 MHz), then pulled high again.
VLED2
LED current regulation begins
VLED1
VISET
VPWM
VLED2
VLED1
VISET
VPWM
LED2 is not used
VLED2
VLED1
VISET
VPWM
Short is removed
Short is applied
at LED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com