Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 30 shows the cycle-by-cycle current limit showing induc-
tor current as a green trace. Note the inductor current is truncated
and as a result the output voltage is reduced as compared to
normal operation shown for the 11×4 LED configuration.
Boost Switch Overcurrent Protection
The boost switch is protected with cycle-by-cycle current limit-
ing set at a minimum of 3 A. Figure 29 illustrates the normal
operation of the switch node (VSW), inductor current, and output
voltage (VOUT) for a 11×4 LED configuration.
Figure 29: Normal Operation of Switch Node (VSW), Inductor
Current, and Output Voltage (VOUT)
Figure 30: Cycle-by-Cycle Current Limit
VOUT
VSW
VPWM
Inductor Current
VOUT
VSW
Inductor Current
VPWM
Current is Truncated Here
The A8519 also has built-in secondary overvoltage protection to
protect the internal switch in the event of an open-diode condi-
tion. Open Schottky diode detection is implemented by detecting
overvoltage on the SW pin of the device. If voltage on the SW
pin exceeds the device’s safe operating voltage rating, the A8519
disables and remains latched. To clear this fault, the IC must be
shut down by either using the PWM signal or by going below the
UVLO threshold on the VIN pin.
Figure 28 illustrates open Schottky diode protection while the
IC is in normal operation. As soon as the switch node voltage
(VSW) exceeds 48 V, the IC will shut down. Due to small delays
in the detection circuit, as well as there being no load present, the
switch node voltage (VSW) will rise above the trip point voltage.
Figure 28: Open Schottky Diode Protection
Open diode detected VOUT
VSW
VPWM
ILED(TOTAL)
When enabling the A8519 into an open-diode condition, the IC
will first go through all of its initial LED detection and will then
check the boost output voltage. At that point, the open diode is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com