Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8519KETTR-R-1 Datasheet HTML 1Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 2Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
DESCRIPTION
The A8519 is a multi-output LED driver for small-size LCD
backlighting. It integrates a current-mode boost converter
with internal power switch and four current sinks. The boost
converter can drive up to 44 white LEDs, 11 LED per string, at
100 mA. The LED sinks can be paralleled together to achieve
higher LED currents up to 400 mA. The A8519 operates from
a single power supply from 4.5 to 40 V, which allows the part
to withstand load dump conditions encountered in automotive
systems.
The A8519 can control LED brightness through a digital
(PWM) signal. An LED brightness contrast ratio of 10,000:1
can be achieved using PWM dimming at 100 Hz; a higher ratio
of 100,000:1 is possible when using a combination of PWM
and analog dimming.
Ifrequired,theA8519candriveanexternalP-channelMOSFET
to disconnect input supply from the system in the event of a
fault. The A8519 provides protection against output short,
overvoltage, open or shorted diode, open or shorted LED pin,
and overtemperature. A cycle-by-cycle current limit protects
the internal boost switch against high-current overloads.
A8519-DS, Rev. 7
FEATURES AND BENEFITS
• Automotive AEC-Q100 qualified
• Fully integrated 42 V MOSFET for boost converter
• Fully integrated LED current sinks
• Withstands surge input up to 40 VIN for load dump
• Operates down to 3.9 VIN (max) for idle stop
• Drives four strings of LEDs
• Maximum output voltage 40 V
ƒ
Up to 11 white LEDs in series
• Drive current for each string is 100 mA
• Programmable boost switching frequency (200 kHz to
2.15 MHz)
• Synchronized boost switching frequency option (260 kHz
to 2.3 MHz)
• Dithering of boost switching frequency to reduce EMI
• Extremely high LED contrast ratio
ƒ
10,000:1 using PWM dimming alone
ƒ
100,000:1 when combining PWM and analog dimming
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
Packages:
Typical Application Diagram
Not to scale
A8519 and A8519-1
Continued on the next page…
Continued on the next page…
V> V
OUT
IN
C
IN
C
OUT1
C
OUT2
C
VDD
R
PU
C
P
L1
Q1
D1
R
ADJ
R
SC
Optional
C
Z
R
Z
R
ISET
V
IN
APWM
AGND
GND
PGND
VDD
R
OVP
V
C
PWM
LED4
LED1
OVP
VIN
GATE
SW
VOUT
FAULT
VSENSE
R
FSET
CLKOUT
ISET
FSET
A8519
LED2
LED3
COMP
Typical Application Circuit Showing VOUT-to-Ground Short Protection Using Optional P-Channel MOSFET
APPLICATIONS:
• Automotive infotainment backlighting
• Automotive cluster
• Automotive center stack
28-Pin QFN with
Exposed Thermal Pad
(suffix ET)
20-Pin TSSOP with
Exposed Thermal Pad
(suffix LP)
October 24, 2016


Similar Part No. - A8519KETTR-R-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8519KETTR-R-1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8518 ALLEGRO-A8518 Datasheet
1Mb / 30P
Fully integrated 42 V MOSFET for boost converter
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
10-A Fully-Integrated Synchronous Boost Converter
TPS61288 TI-TPS61288 Datasheet
2Mb / 25P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5167 HMSEMI-HM5167 Datasheet
1Mb / 18P
13V, 10A fully integrated synchronous boost converter
HM5168 HMSEMI-HM5168 Datasheet
1Mb / 19P
20V, 14A fully integrated synchronous boost converter
logo
Texas Instruments
TPS61288 TI-TPS61288_V01 Datasheet
2Mb / 30P
TPS61288 18-V, 15-A, Fully Integrated Synchronous Boost Converter
DECEMBER 2021
TPS552892 TI-TPS552892 Datasheet
2Mb / 35P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
DECEMBER 2022
TPS552892 TI-TPS552892_V01 Datasheet
2Mb / 37P
TPS552892 36-V, 8-A, Fully Integrated Buck-boost Converter
REVISED APRIL 2023
TPS552872 TI1-TPS552872 Datasheet
2Mb / 35P
TPS552872, 36-V, 4-A, Fully Integrated Buck-boost Converter
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com