Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 22Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 23Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 24Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 25Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
22
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Input Overcurrent Protection and Disconnect Switch
The primary function of the input disconnect switch is to protect
the system and the device from catastrophic input currents during
a fault condition.
If the input current level goes above the preset current limit
threshold, the part will be shut down in less than 3 µs—this is a
latched condition. The fault flag is also set low to indicate a fault.
This protection feature prevents catastrophic failure in the system
due to a short of the inductor, inductor short to GND, or short at
the output GND. Figure 33 illustrates the typical input overcur-
rent fault condition. As soon as input OCP limit is reached, the
part disables the gate of the disconnect switch Q1.
During startup when Q1 first turns on, an inrush current flows
through Q1 into the output capacitance. If Q1 turns on too fast
(due to its low gate capacitance), the inrush current may trip
input OCP limit. In this case, an external gate capacitance CG is
added to slow down the turn-on transition. Typical value for CG
is around 4.7 to 22 nF. Do not make CG too large, since it also
slows down the turn-off transient during a real input OCP fault.
R
SC
C
G
Q1
V
IN
VIN
GND
VSENSE
R
adj
I
adj
To L1
A8519
GATE
Figure 32: Typical Circuit Showing Implementation of Input
Disconnect Feature
Figure 33: Startup into Output Shorted to GND fault. Input OCP
tripped at 4 A (RSC = 0.024 W, Radj =383 Ω)
PWM
VGATE
Input Current
Figure 31: Secondary Boost Switch OCP
There is also a secondary current limit (ISW(LIM2)) that is sensed
through the boost switch. This current limit, once detected,
immediately shuts down the A8519. The level of this current
limit is set above the cycle-by-cycle current limit to protect the
switch from destructive currents when boost inductor is shorted.
Figure 31 shows the secondary boost switch OCP. Once this limit
is reached, the A8519 will immediately shut down.
VOUT
VSW
VPWM
Inductor Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com