Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 10Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 11Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 12Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Soft-Start Function
During startup, the A8519 ramps up its boost output voltage
following a fixed ramp function. This technique limits the input
inrush current and ensures the same startup time regardless of the
PWM duty cycle.
The soft-start process is completed when any one of the follow-
ing conditions is met:
1. All LED currents have reached their regulation targets,
2. Output voltage has reached 93% of its OVP threshold, or
3. Soft-start ramp time (tSS) has expired.
Frequency Selection
Figure 7: Startup Diagram Showing the Input Current, Output
Voltage, Total LED Current, and Switch Node Voltage
Synchronization
The A8519 can also be synchronized using an external clock. At
power-up, if the FSET pin is held low, the IC will not power-up.
Only when the FSET pin is tri-stated to allow for the pin to rise
to about 1 V, or when a sync clock is detected, the A8519 will try
to power up. The basic requirement of the sync signal is 150 ns
minimum on-time and 150 ns minimum off-time as dictated by
the requirements of pulse-width on- and off-times.
Figure 9 shows timing for a synchronization clock into the A8519
at 2.2 MHz.
Any pulse with a duty cycle of 33% to 66% at 2.2 MHz can be
used to synchronize the IC. Table 3 summarizes the duty cycle
range at various synchronization frequencies.
Figure 8: Switching Frequency versus RFSET Resistor
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
010
20
30
40
50
60
70
80
90
100
110
Resistance in k
Figure 9: Sync Pulse On- and Off-Time Requirements
Pulse Width
Sync On Time
Pulse Width
Sync OffTime
150 ns
150 ns
154 ns
T= 454 ns
The switching frequency on the boost regulator is set by a single
resistor connected to the FSET pin. The switching frequency can
be can be anywhere from 200 kHz to 2.15 MHz. Figure 8 shows
typical switching frequency in MHz for a given resistor value (in
kΩ). The following equation can also be used to determine typi-
cal switching frequency from FSET resistance:
fSW = 21.4/RFSET + 0.008
where fSW is in MHz, RFSET is in kΩ.
If a fault occurs during operation that will increase the switch-
ing frequency, the FSET pin is clamped to a maximum switching
frequency of no more than 3.5 MHz. If the FSET pin is shorted
to GND, the part will shut down. For more details, see the Fault
Mode table on page 25.
VOUT
VSW
ILED(TOTAL)
IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com