Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button A8519KETTR-R-1 Datasheet HTML 13Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 14Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 15Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 16Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 17Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 18Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 19Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 20Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
17
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The APWM pin is used in conjunction with the ISET pin (see
Figure 17). This is a digital signal pin that internally adjusts the
IISET current. The typical input signal frequency is between
40 kHz and 1 MHz. The duty cycle of this signal is inversely
proportional to the percentage of current that is delivered to
the LED (see Figure 18). As an example, a system that delivers
ILED(TOTAL) = 240 mA would deliver ILED(TOTAL) = 180 mA when
an APWM signal with a duty cycle of 25% is applied. When this
pin is not used it should be tied to AGND.
Figure 17: Simplified Block Diagram of APWM ISET Block
ISET
Current
Mirror
APWM ISET
Current
Adjust Block
PWM
APWM
ISET
R
ISET
LED Driver
APWM Pin
High-PWM dimming ratio is acheived by regulating the output
voltage during PWM off-time. The VOUT pin samples the output
voltage during PWM on-time and regulates it during off-time. A
hysteresis control loop brings VOUT higher by approximately
350 mV (150 mV for A8519-1) whenever it drops below the
target voltage. In a highly noisy switching environment, it is
necessary to insert an RC filter at the VOUT pin. A typical value
of R = 10 kΩ and C = 47 pF is recommended.
Another important feature of the A8519 is the PWM signal to
LED current delay. This delay is typically less than 500 ns, which
allows for greater LED current accuracy at low-PWM dimming
duty cycles.
The error introduced by LED turn-on delay is partially offset by
LED turn-off delay. Therefore, a PWM pulse width of under 1
μs is still feasible, but the percentage error of LED current will
increase with narrower pulse width.
0
10
20
30
40
50
60
70
80
90
100
0102030405060708090100
APWM Duty Cycle (%)
Figure 18: Normalized LED Current vs. APWM Duty Cycle
VIN = 9 V, VOUT = ~22 V, RISET = 24 kΩ, APWM = 200 kHz
0
1
2
3
4
5
0102030405060708090100
APWM Duty Cycle (%)
Figure 19: Error in LED Current vs. APWM Duty Cycle
VIN = 9 V, VOUT = ~22 V, RISET = 24 kΩ, APWM = 200 kHz
To use the APWM pin as a trim function, the user should set
the maximum output current to a value higher than the desired
current by at least 5%. The LED IISET current is then trimmed
down to the appropriate desired value. Another consideration is
the limitation of the APWM signal’s duty cycle. In some cases, it
might be more desirable to set the maximum IISET current to be
25% to 50% higher, thus allowing the APWM signal to have duty
cycles that are between 25% and 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com