Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8519KETTR-R-1 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8519KETTR-R-1
Description  Fully integrated 42 V MOSFET for boost converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8519KETTR-R-1 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8519KETTR-R-1 Datasheet HTML 1Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 2Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 3Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 4Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 5Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 6Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 7Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 8Page - Allegro MicroSystems A8519KETTR-R-1 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Wide Input Voltage Range, High-Efficiency,
Fault-Tolerant LED Driver
A8519 and
A8519-1
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ABSOLUTE MAXIMUM RATINGS [2]
Characteristic
Symbol
Notes
Rating
Unit
LEDx Pins
VLEDx
x = 1, 2, 3, or 4
–0.3 to 40
V
OVP Pin
VOVP
–0.3 to 40
V
VIN, VOUT Pins
VIN, VOUT
–0.3 to 40
V
VSENSE, GATE Pins
VSENSE, VGATE
VIN –7.4 to VIN +0.4
V
SW Pin [3]
VSW
Continuous
–0.6 to 42
V
t < 50 ns
–1 to 48
V
FAULT Pin
VFAULT
–0.3 to 40
V
APWM, PWM, CLKOUT, COMP,
FSET, ISET, VDD Pins
–0.3 to 5.5
V
Operating Ambient Temperature
TA
K temperature range
–40 to 125
°C
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature
Tstg
–55 to 150
°C
2
Operation at levels beyond the ratings listed in this table may cause permanent damage to the device. The absolute maximum ratings are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the electrical characteristics table is not
implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
3
SW DMOS is self-protecting and will conduct when VSW exceeds 48 V.
The A8519 has a synchronization pin that allows boost switching
frequencies to be synchronized in the range of 260 kHz to 2.3 MHz.
The high switching frequency allows the converter to operate above
the AM radio band. The IC contains a clock output pin that allows
other converters to be synchronized to the A8519’s boost switching
frequency.
The A8519 employs hysteresis control to help regulate the LED
current at extremely short PWM on-time. The A8519-1 is identical
to the A8519, except that it uses a smaller hysteresis window to
reduce output voltage ripple during PWM dimming.
• Excellent input voltage transient response at lowest PWM duty
cycle
• Gate driver for optional P-channel MOSFET input disconnect
switch
• LED current accuracy 0.7%
• LED string current-matching accuracy 0.8%
• Protection against:
ƒ
Shorted boost switch, inductor or output capacitor
ƒ
Shorted FSET or ISET resistor
ƒ
Open or shorted LED pins and LED strings
ƒ
Open boost diode
ƒ
Overtemperature
FEATURES AND BENEFITS (continued)
DESCRIPTION (continued)
SELECTION GUIDE
Part Number
Operating Ambient
Temperature Range
TA (°C)
Hysteresis
Window
Package
Packaging [1]
Leadframe
Plating
A8519KLPTR-T
–40 to 125
350 mV
20-pin TSSOP with exposed thermal pad
4000 pieces per reel
100% matte tin
A8519KETTR-R
–40 to 125
350 mV
28-pin 5 × 5 mm QFN with exposed ther-
mal pad and sidewall plated
1500 pieces per reel
100% matte tin
A8519KLPTR-T-1
–40 to 125
150 mV
20-pin TSSOP with exposed thermal pad
4000 pieces per reel
100% matte tin
A8519KETTR-R-1
–40 to 125
150 mV
28-pin 5 × 5 mm QFN with exposed ther-
mal pad and sidewall plated
1500 pieces per reel
100% matte tin
1
Contact Allegro for additional packing options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com