Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT4220IGN Datasheet HTML 4Page - Linear Technology LT4220IGN Datasheet HTML 5Page - Linear Technology LT4220IGN Datasheet HTML 6Page - Linear Technology LT4220IGN Datasheet HTML 7Page - Linear Technology LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology LT4220IGN Datasheet HTML 10Page - Linear Technology LT4220IGN Datasheet HTML 11Page - Linear Technology LT4220IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT4220
4220f
PI FU CTIO S
FAULT pin to the ON+ pin, otherwise the part remains
latched off.
To disable the timeout circuit breaker, connect the TIMER
pin to GND.
GND (Pin 9): Supply Ground Pin.
PWRGD (Pin 10): Open-Collector Output to GND. PWRGD
goes to high impedance after the initial GATE– and final
GATE+ pins have reached their maximum voltage and after
the FB+ pin goes above 1.24V low-to-high threshold and
after the FB– pin falls below –1.24V high-to-low threshold.
An external pull-up resistor can pull the pin to a voltage
higher or lower than VCC. If not used, PWRGD can be left
floating or tied to GND.
FAULT (Pin 11): Open-Collector Output to GND. The
FAULT pin is pulled low whenever the TIMER pin rises
above VTIMERH (1.24V) threshold, thereby setting the
internal fault latch. It goes to high impedance whenever the
internal fault latch is reset. The fault latch is reset with
either internal undervoltage lockout conditions, or by the
ON comparators if the TIMER pin is also below 0.5V. If not
used, the FAULT pin can be left floating or tied to GND.
ON+ (Pin 12): Positive Supply Good Comparator Input. It
monitors the positive input voltage (VCC) with an external
resistive divider for undervoltage lockout. When the volt-
age on ON+ is above the VON+H high-to-low threshold
(1.24V) the positive supply is considered good. If ON+
drops below 1.185V, both GATE– and GATE+ are pulled
low.
If ON+ is pulled low after a current limit fault and when the
TIMER pin is below 0.5V, the fault latch is reset allowing
the part to turn back on. Typically the FAULT pin is tied
back to the ON+ pin for autorestart. If not used, the ON+ pin
should be set to a voltage in the range of 1.3V < ON+ < VCC
+ 0.3V. The ON+ pin requires a bypass capacitor connected
to ground.
FB+ (Pin 13): Positive Power Good Comparator Input. This
pin monitors the positive output voltage (VOUT+) with an
external resistor divider. When the voltage on FB+ is above
the VFB+H low-to-high threshold (1.24V) and the GATE+
drive voltage has reached a maximum, the PWRGD is
released. PWRGD is pulled low when the FB+ pin is below
1.185V. The PWRGD pin is wire-ORed with the FB– pin
conditions.
FB+ also controls the positive current limit sense amplifier
input offset to provide foldback current limit. The FB+ pin
linearly reduces the positive sense amplifier offset from
48mV to 15mV for FB+ in the range 0.85V > FB+ > 0V. If
PWRGD and foldback current limit are not used, the FB+
pin should be set to a voltage in the range of 1.3V < FB+ <
VCC + 0.3V.
GATE+ (Pin 14): High Side Gate Drive for the External
Positive Supply N-Channel FET. An internal charge pump
guarantees at least 3.5V above VCC, for supply voltages at
±2.7Vincreasingtoaminimumof5VaboveVCCforsupply
voltages greater than
±5V. A 10µA pull-up current source
drives the pin. An external capacitor connected from the
GATE+ pin to GND will control the rising slope of the GATE+
signal. The voltage is clamped to 7V above VCC.
When the current limit is reached, the GATE+ pin voltage
will be adjusted to maintain a constant voltage across the
RS+ resistor while the timer capacitor starts to charge. If
the TIMER pin voltage exceeds 1.24V, the GATE+ pin will
be pulled low.
The GATE+ pin is pulled to GND whenever the ON+ pin is
below 1.24V, the ON– pin is above –1.24V, either supply is
in the undervoltage lockout voltage range, or the TIMER
pin rises above 1.24V.
SENSE+ (Pin 15): Positive Supply Current Limit Sense Pin.
A sense resistor must be placed in the supply path be-
tween VCC and SENSE+. The current limit circuit will
regulate the voltage across the sense resistor to 50mV
(VCC – SENSE+) when the FB+ voltage is greater than
0.85V. If VFB+ goes below 0.85V, the voltage across the
sense resistor decreases linearly and stops at 15mV when
VFB+ is 0V.
VCC (Pin 16): Positive Supply. The positive supply input
ranges from 2.7V to 16.5V for normal operation. ICC is
typically 2.7mA. An internal undervoltage lockout circuit
disables the chip for inputs less than 2.45V. Place a 0.1
µF
bypass capacitor next to the VCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com