Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 4 Page - Linear Technology

  LT4220IGN Datasheet HTML 1Page - Linear Technology LT4220IGN Datasheet HTML 2Page - Linear Technology LT4220IGN Datasheet HTML 3Page - Linear Technology LT4220IGN Datasheet HTML 4Page - Linear Technology LT4220IGN Datasheet HTML 5Page - Linear Technology LT4220IGN Datasheet HTML 6Page - Linear Technology LT4220IGN Datasheet HTML 7Page - Linear Technology LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT4220
4220f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VEE = –5V, unless otherwise noted.
AC ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
2
3
20
4220 G01
1
0
5
10
15
4
FB+ VOLTAGE (V)
–1.5
50
40
30
20
10
0
–1.0
–0.5
0
0.5
4220 G02
1.0
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
FB– VOLTAGE (V)
60
50
40
30
20
10
0
4220 G03
TA = 25°C
ICC
IEE
VCC = 5V
VEE = –5V
ON+ = 2V
ON– = –2V
TA = 25°C
VCC = 5V
VEE = –5V
ON+ = 2V
ON– = –2V
TA = 25°C
Positive Circuit Breaker Sense
Voltage vs FB+ Voltage
Negative Circuit Breaker Sense
Voltage vs FB– Voltage
Supply Current vs Supply Voltage
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPHLON+
ON+ Low to GATE+ Low
5k Pull-Up to GATE+, 1nF Load Capacitor
q
0.6
0.8
1.2
µs
tPLHON+
ON+ High to GATE+ High
5k Pull-Up to GATE+, 1nF Load Capacitor
q
0.6
1.5
3
µs
tPHLFB+
FB+ Low to PWRGD Low
5k Pull-Up to PWRGD
q
0.5
0.8
1.2
µs
tPLHFB+
FB+ High to PWRGD High
5k Pull-Up to PWRGD
q
0.6
1.25
3
µs
tPHLON–
ON– Low to GATE– Low
5k Pull-Up to GATE–, 1nF Load Capacitor
q
0.6
1
1.5
µs
tPLHON–
ON– High to GATE– High
5k Pull-Up to GATE–, 1nF Load Capacitor
q
1
2.1
3.5
µs
tPHLFB–
FB– Low to PWRGD Low
5k Pull-Up to PWRGD
q
0.6
1
1.5
µs
tPLHFB–
FB– High to PWRGD High
5k Pull-Up to PWRGD
q
0.8
1.25
2
µs
tSENSE+
SENSE+ to GATE+ Low
1nF On GATE+, 100mV Step, 5k Pull-Up
q
146
µs
tSENSE–
SENSE– to GATE– Low
1nF On GATE–, 100mV Step, 5k Pull-Up
q
146
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages referenced to ground (GND) unless
specified.
Note 3: The absolute voltage difference between FB+ and FB– required to
force either the GATE+ or GATE– current to 0
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com