Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology LT4220IGN Datasheet HTML 10Page - Linear Technology LT4220IGN Datasheet HTML 11Page - Linear Technology LT4220IGN Datasheet HTML 12Page - Linear Technology LT4220IGN Datasheet HTML 13Page - Linear Technology LT4220IGN Datasheet HTML 14Page - Linear Technology LT4220IGN Datasheet HTML 15Page - Linear Technology LT4220IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT4220
4220f
APPLICATIO S I FOR ATIO
Whenever the output voltages reach their final value as
sensed by R9, R10 and R11, R12 and both gate signals are
fully on, the PWRGD pin will go high impedance.
A typical timing sequence is shown in Figure 8 with
tracking enabled. The sequence is as follows:
1) The power pins make contact and the undervoltage
lockout thresholds are exceeded.
2) The ON comparator thresholds are exceeded and the
GATE pins start ramping up. VOUT+ follows GATE+ by
the N-channel FET threshold voltage.
3) GATE+ is limited by the tracking circuit because VOUT–
lags behind VOUT+. When VOUT– starts ramping, GATE–
holds at approximately the threshold voltage of the
N-channel FET due to C2 slew rate control.
4) When the magnitude of VOUT– catches up with VOUT+,
GATE+ resumes ramping. The slowest VOUT will limit
the faster VOUT slew rate.
5) GATE+ internal gate good signal threshold is reached.
6) GATE– internal gate good signal threshold is reached,
enabling the FB output comparators. If both FB com-
parators indicate the output is good, the PWRGD pin
output goes high impedance and is pulled up by an
external pullup resistor.
Power Supply Ramping
For large capacitive loads, the inrush current will be limited
by the VOUT+ and VOUT– slew rate or by the fold-back
current limit. For a desired inrush current that is less than
the fold-back current limit, the feedback networks R6, C1
and R8, C2 can be used to control the VOUT slew rate. For
the desired inrush current and typical gate pull-up current,
the feedback network capacitors C1 and C2 can be calcu-
lated as:
C1 = (10
µA • CL1)/IINRUSH+ and
(1)
C2 = (10
µA • CL2)/IINRUSH–
(2)
where CL1 and CL2 are the positive and negative output
load capacitance. If the supply-tracking mode is enabled
(TRACK = High), during startup, the output with the
slowest slew rate will also limit the slew rate of the
opposite output (Note: Supply-tracking is also controlled
by the resistive dividers on the FB pins. See Supply
Tracking). Additionally, C1 and C2 should be greater than
5nF to prevent large overshoot in the output voltage for
transient loads with small capacitive loads.
Capacitor C3 and resistor R8 prevent Q2 from momen-
tarily turning on when the power pins first make contact.
Without C3, capacitor C2 and CGD(Q2) would hold the gate
of Q2 near ground before the LT4220 could power up and
pull the gate low. The minimum required value of C3 can
be calculated by:
C
VV
V
CC
EE
TH
TH
GD Q
32
1 2
2
=
−
+
() • .
()
(3)
where VTH is the MOSFET’s minimum gate threshold and
VEEMAX is the maximum negative supply input voltage. If
C2 is not used, the minimum value for C3 should be 10nF
to ensure stability. C2 and C3 must be the same type to
ensure tracking over temperature.
+UVLO
–UVLO
12
3 4
5
6
VCC
VEE
ON+
ON–
GATE+
VOUT+
GATE–
VOUT–
PWRGD
4220 F08
Figure 8. Typical Timing Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com