Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT4220IGN Datasheet HTML 7Page - Linear Technology LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology LT4220IGN Datasheet HTML 10Page - Linear Technology LT4220IGN Datasheet HTML 11Page - Linear Technology LT4220IGN Datasheet HTML 12Page - Linear Technology LT4220IGN Datasheet HTML 13Page - Linear Technology LT4220IGN Datasheet HTML 14Page - Linear Technology LT4220IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT4220
4220f
Initial Power-Up Sequence
After the power pins first make contact, transistors Q1 and
Q2 remain off. If the voltage at the ON+ and ON– pins
exceed the turn-on threshold voltage, the internal voltage
on the VCC and VEE power pins exceed the undervoltage
lockout threshold, and the timer pin voltage is less than
1.24V, the gate drive to transistors Q1 and Q2 will be
turned on. The voltage on the GATE+ and GATE– pins will
be regulated to control the inrush current if the voltage
across RS+ or RS– exceeds the sense amplifier current
limit threshold. If supply tracking is enabled, each gate will
also be regulated to keep the magnitudes at the FB+ and
FB– pins within 50mV of each other.
VCC
ON+
C6
1
µF
C5
1
µF
R2
R1
R4
R3
VEE
VCC
FAULT
TIMER
GND
ON–
PWRGD
FB+
R10
R9
VOUT+
R12
R11
4220 F07
VOUT–
R7
10
Ω
FB–
SENSE+
RS
+
RS
–
GATE+
R6
1k
R5
10
Ω
C1
10nF
R8
1k
C2
10nF
C3
100nF
Q1
VEE
SENSE–
SENSEK
LT4220
GATE–
Q2
CL2
CL1
Z2*
R14
10
Ω
C4
100nF
Z1*
R13
10
Ω
CONNECT FOR
AUTO RESTART
BACKPLANE
CONNECTOR
STAGGERED
PCB EDGE
CONNECTOR
VIN
+
VIN
–
GND MUST CONNECT FIRST
GND
*TRANSIENT VOLTAGE SUPPRESSOR
ESD
CONTROL
TRACK
7
10
13
5
4
3
2
1
6
9
8
11
12
16
15
14
R16, 20k
C7
C8
+
+
D1
IN4001
D2
IN4001
Figure 7. Hot Swap Controller on Daughter Board with Tracking Disabled
APPLICATIO S I FOR ATIO
live insertion. Resistive dividers R1, R2 and R3, R4 pro-
vide undervoltage sensing. Resistor dividers R9, R10 and
R11, R12 provide a power good signal and control output
voltage tracking when TRACK is enabled.
Internal Supply Diodes
The LT4220 contains two internal diodes which clamp VEE
and VCC with respect to GND in the event either supply pin
is floating. VEE is clamped one diode above GND and VCC
is clamped one diode below GND. The current through
these diodes are designed to handle 10mA internal device
current and should not be used for high load current
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com