Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology LT4220IGN Datasheet HTML 10Page - Linear Technology LT4220IGN Datasheet HTML 11Page - Linear Technology LT4220IGN Datasheet HTML 12Page - Linear Technology LT4220IGN Datasheet HTML 13Page - Linear Technology LT4220IGN Datasheet HTML 14Page - Linear Technology LT4220IGN Datasheet HTML 15Page - Linear Technology LT4220IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT4220
4220f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0403 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1421
Dual Hot Swap Controller
Two Circuit Breakers for Supplies from 3V to 12V and Supports –12V
LTC1422
Single Hot Swap Controller in SO-8
Operates from 3V to 12V
LTC1645
Dual Hot Swap Controller
Operates from 1.2V to 12V, Allows Supply Sequencing
LTC1647
Dual Hot Swap Controller
Operates from 2.7V to 16.5V, Separate ON Pins
LTC4211
Single Hot Swap Controller with Multifunction
2.5V to 16.5V, Active Inrush Limiting, Fast Comparator
Current Control
LTC4230
Triple Hot Swap Controller with Multifunction
1.7V to 16.5V, Active Inrush Limiting, Fast Comparator
Current Control
VCC
ON+
C6
1
µF
R2
R1
R4
R3
VEE
VCC
FAULT
TIMER
GND
TRACK
ON–
PWRGD
FB+
R10
R9
VOUT+
R12
R11
4220 F09
VOUT–
R7
10
Ω
FB–
SENSE+
RS+
RS–
GATE+
R6
1k
R5
10
Ω
C1
10nF
R8
1k
C2
10nF
C3
100nF
Q1
SUB85N03-04
VEE
SENSE–
SENSEK
LT4220
GATE–
Q2
SUB85N03-04
CONNECT FOR
AUTO RESTART
BACKPLANE
CONNECTOR
STAGGERED
PCB EDGE
CONNECTOR
GND MUST CONNECT FIRST
*TRANSIENT VOLTAGE SUPPRESSOR
GND
POWER GOOD
RPG
5.1k
CL1
CL2
C7
C8
12
11
8
9
6
716
15
14
10
13
5
4
3
2
1
R14
10
Ω
R13
10
Ω
Z2*
Z1*
C5
1
µF
C4
100nF
ESD
CONTROL
+
+
TYPICAL APPLICATIO
Figure 9. Hot Swap Controller on Mainboard with Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com