Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4220IGN Datasheet HTML 6Page - Linear Technology LT4220IGN Datasheet HTML 7Page - Linear Technology LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology LT4220IGN Datasheet HTML 10Page - Linear Technology LT4220IGN Datasheet HTML 11Page - Linear Technology LT4220IGN Datasheet HTML 12Page - Linear Technology LT4220IGN Datasheet HTML 13Page - Linear Technology LT4220IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT4220
4220f
TI I G DIAGRA S
ON+
4220 F01
GATE+
0.5V
tPLHON+
1V
1V
0V
0V
10V
tPHLON+
100mV
Figure 1. ON+-to-GATE+ Timing
Figure 2. FB+-to-PWRGD Timing
FB+
4220 F02
PWRGD
2.5V
tPLHFB+
1V
1V
2.5V
tPHLFB+
0V
0V
100mV
ON–
0V
VEE
4220 F03
GATE–
VEE + 1.2V
–1V
VEE + 3.5V
–1V
tPHLON–
tPLHON–
FB–
4220 F04
PWRGD
2.5V
–1V
2.5V
–1V
tPHLFB–
tPLHFB–
0V
0V
Figure 3. ON–-to-GATE– Timing
Figure 4. FB–-to-PWRGD Timing
VCC – SENSE
+
4220 F05
GATE+
10V
tSENSE+
100mV
50mV
0V
0V
VEE – SENSE
–
0V
4220 F06
GATE–
–2V
VEE
tSENSE–
–100mV
–50mV
Figure 5. SENSE+-to-GATE+ Timing
Figure 6. SENSE–-to-GATE– Timing
Hot Circuit Insertion
When circuit boards are inserted into a live backplane, the
circuit board bypass capacitors can draw large peak
currents from the backplane power bus as they charge up.
The LT4220 is designed to turn on a board’s
±V dual
supplies in a controlled manner, allowing the circuit board
to be safely inserted or removed from a live backplane. The
part provides supply tracking as well as undervoltage and
overcurrent protection. Power good and fault output sig-
nals indicate, respectively, if both power output voltages
are ready or if an overcurrent time-out fault has occurred.
APPLICATIO S I FOR ATIO
The dual power supply on the circuit board is controlled
with two external N-channel pass transistors Q1 and Q2 in
the
±V dual power supply path. The sense resistors RS+
and RS– provide current detection while capacitor C1 and
C2 control the VOUT+ and VOUT– slew rate. Optionally, the
TRACK pin can be tied to VCC enabling the dual output
voltages to ramp up together by tracking the voltages at
the FB+ and FB– pins. Resistors R6 and R8 provide current
control loop compensation while R5 and R7 prevent high
frequency oscillations in Q1 and Q2. C3 and R8 on Q2
prevent fast dV/dt transients from turning Q2 on during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com