Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4220IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LT4220IGN
Description  Dual Supply Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4220IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT4220IGN Datasheet HTML 3Page - Linear Technology LT4220IGN Datasheet HTML 4Page - Linear Technology LT4220IGN Datasheet HTML 5Page - Linear Technology LT4220IGN Datasheet HTML 6Page - Linear Technology LT4220IGN Datasheet HTML 7Page - Linear Technology LT4220IGN Datasheet HTML 8Page - Linear Technology LT4220IGN Datasheet HTML 9Page - Linear Technology LT4220IGN Datasheet HTML 10Page - Linear Technology LT4220IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT4220
4220f
PI FU CTIO S
VEE (Pin 1): Negative Supply. The negative supply input
ranges from –2.7V to –16.5V for normal operation. IEE is
typically –1.6mA. An internal undervoltage lockout circuit
disables the device for inputs greater than –2.45V. A 10
Ω,
1
µFRCbypassnetworkfromVIN–totheVEEpindecouples
transients from the device.
SENSEK (Pin 2): Negative Supply Current Limit Kelvin
Sense Pin. Connect to VIN–.
SENSE– (Pin 3): Negative Supply Current Limit Sense Pin.
A sense resistor is placed in the supply path between
SENSEK and SENSE–. The current limit circuit will regulate
the
voltage
across
the
sense
resistor
to
–50mV (SENSEK – SENSE–) when the FB– voltage is less
than –0.7V. If VFB– goes above –0.7V, the voltage across
the sense resistor decreases linearly and stops at –15mV
when VFB– is 0V. If current limit is not used, connect to
SENSEK.
GATE– (Pin 4): Gate Drive for the External Negative Supply
N-Channel FET. An internal 10
µA current source drives the
pin. An external capacitor connected from the GATE– pin
to VOUT– will control the rising slope of the VOUT– signal.
The voltage is clamped to 9V above VEE.
When the current limit is reached, the GATE– pin voltage
will be adjusted to maintain a constant voltage across the
RS– resistor while the timer capacitor starts to charge. If
the TIMER pin voltage exceeds 1.24V, the fault latch will be
set and both GATE– and GATE+ pins will be pulled low.
The GATE– pin is pulled to VEE whenever the ON+ pin is
below 1.24V, the ON– pin is above –1.24V, or either supply
is in the undervoltage lockout voltage range, or the fault
latch is set by the TIMER pin rising above 1.24V.
FB– (Pin 5): Negative Power Good Comparator Input. This
pin monitors the negative output voltage (VOUT–) with an
external resistive divider. When the voltage on FB– is
below –1.24V and the initial GATE– drive voltage has
reached a maximum (indicated by setting the internal
GATE– good latch) and the FB+ release conditions are met,
the PWRGD pin is released. PWRGD is pulled low when the
FB– pin is above –1.185V. Note the PWRGD pin is wire-
ORed with the FB+ pin conditions.
FB– also controls the negative supply current limit sense
amplifier input offset to provide foldback current limit. The
FB– pin linearly reduces the negative supply sense ampli-
fier offset from –52mV to –15mV for FB– in the range
–0.75V < FB– < 0V. To disable VEE PWRGD and foldback
current limit, the FB– pin should be set to a voltage in the
range: –1.3V > FB– > VEE + 0.5V but should never be more
negative then –5.8V for normal operation.
ON– (Pin 6): The Negative Supply Good Comparator Input.
This pin monitors the negative input voltage (VEE) with an
external resistive divider for undervoltage lockout. When
the voltage at the ON– pin is below the VON–H high-to-low
threshold (–1.24V), the negative supply is considered
good. If the ON– pin rises above –1.185V, both GATE– and
GATE+ are pulled low. If ON– is not used, the ON– pin
should be set to –1.3V > ON– > VEE + 0.5V.
TRACK (Pin 7): Supply Tracking Mode Control. If the TRACK
pin is pulled high, the internal supply tracking circuit will
be enabled during start-up. The TRACK circuit monitors
the FB+ and the FB– pins to keep their magnitude within a
small voltage range by controlling the GATE+ and GATE–
charge currents. The tracking is disabled when either FB
comparator indicates the output is good. Tracking is re-
enabled if ON+ is pulled below 1.185V, ON– is pulled above
–1.185V or either supply is below the internal undervoltage
lockout. Typically, the TRACK pin is tied to GND or to VCC.
If left floating, tracking is enabled.
TIMER (Pin 8): Fault Time Out Control. An external timing
capacitor at this pin programs the maximum time the part
is allowed to remain in current limit before issuing a fault
and turning off the external FETs. Additionally, for
autorestart, this pin controls the time before an autorestart
is initiated.
When the part goes into current limit, a 65
µA pull-up
current source starts to charge the timing capacitor. When
the voltage reaches VTIMERH (1.24V), the internal fault
latch is set, FAULT pulls low and both GATE pins are pulled
low; the pull-up current will be turned off and the capacitor
is discharged by a 3.3
µA pull-down current. When the
TIMER pin falls below 0.5V, the part is allowed to restart
if the ON+ pin is pulsed below 1.185V, thereby resetting
internal fault latch—typically done by connecting the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com