Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 70 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 66Page - STMicroelectronics STA321MPL1TR Datasheet HTML 67Page - STMicroelectronics STA321MPL1TR Datasheet HTML 68Page - STMicroelectronics STA321MPL1TR Datasheet HTML 69Page - STMicroelectronics STA321MPL1TR Datasheet HTML 70Page - STMicroelectronics STA321MPL1TR Datasheet HTML 71Page - STMicroelectronics STA321MPL1TR Datasheet HTML 72Page - STMicroelectronics STA321MPL1TR Datasheet HTML 73Page - STMicroelectronics STA321MPL1TR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
70/80
DocID029389 Rev 1
6.5.10
Clock manager configuration
PLL configuration registers (0x71, 0x72, 0x73, 0x74)
PLL multiplication factor (fractional part, H) (0x71)
PLL multiplication factor (fractional part, L) (0x72)
PLL multiplication factor (integral part) named as N Division Factor (NDIV)
and dithering (0x73)
D7
D6
D5
D4
D3
D2
D1
D0
PLLFI[15:8]
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLFI[7:0]
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLDD[1:0]
PLLND[5:0]
00
000
00
0
Bit
RW
RST
Name
Description
7
RW
0
PLLDD1
PLL dithering:
00: PLL clock dithering disabled
01: PLL clock dithering enabled (triangular)
10: PLLclock dithering enabled (rectangular)
11: reserved
6
RW
0
PLLDD0
5
RW
0
PLLND5
N (loop) Division Factor
This factor should be:
4
RW
0
PLLND4
3
RW
0
PLLND3
2
RW
1
PLLND2
1
RW
0
PLLND1
0
RW
1
PLLND0
5N
≤ DIV 55
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com