Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 12Page - STMicroelectronics STA321MPL1TR Datasheet HTML 13Page - STMicroelectronics STA321MPL1TR Datasheet HTML 14Page - STMicroelectronics STA321MPL1TR Datasheet HTML 15Page - STMicroelectronics STA321MPL1TR Datasheet HTML 16Page - STMicroelectronics STA321MPL1TR Datasheet HTML 17Page - STMicroelectronics STA321MPL1TR Datasheet HTML 18Page - STMicroelectronics STA321MPL1TR Datasheet HTML 19Page - STMicroelectronics STA321MPL1TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Microphone interface
STA321MPL1
16/80
DocID029389 Rev 1
3.5
Sensitivity adjustment
The sensitivity adjustment control can be used to compensate the differences between
theoretical and real sensitivity. It is applied to all membranes of the microphone.
Sensitivity adjustment = [-4, 3.875) with a 0.125 dB step
Configuration registers: 0x5F(5-0), 0x60(5-0), 0x61(5-0)
3.6
Normal channel attenuation
The NORM_Att is a parameter which must be set to the sensitivity difference between the
High SPL channel and the Normal SPL channel. By default its value is set to 20 dB.
Configuration registers: 0x52(5-0), 0x63(5-0), 0x64(5-0)
3.7
Thresholds
Two thresholds can be configured to control/select the recombination engine behavior. In
particular, they can be used to give more weight (in the final output) to the Normal Channel
or to the High Channel which leads to choosing between having lower distortion (High
Channel) or lower noise floor (Normal Channel).
Configuration registers: 0x65(5-0), 0x66(5-0), 0x67(5-0), 0x68(5-0), 0x69(5-0), 0x6A(5-0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com