Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 67Page - STMicroelectronics STA321MPL1TR Datasheet HTML 68Page - STMicroelectronics STA321MPL1TR Datasheet HTML 69Page - STMicroelectronics STA321MPL1TR Datasheet HTML 70Page - STMicroelectronics STA321MPL1TR Datasheet HTML 71Page - STMicroelectronics STA321MPL1TR Datasheet HTML 72Page - STMicroelectronics STA321MPL1TR Datasheet HTML 73Page - STMicroelectronics STA321MPL1TR Datasheet HTML 74Page - STMicroelectronics STA321MPL1TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
DocID029389 Rev 1
71/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
PLL input division factor and others (0x74)
By default the STA321MPL1 is able to configure the embedded PLL automatically
depending on the MCS bits (reg 0x00). For certain applications and to provide flexibility to
the user, a manual PLL configuration can be used (setting PLLFC to 1). The output PLL
frequency formula is:
Clock manager configuration register (0x75)
D7
D6
D5
D4
D3
D2
D1
D0
PDPDC
PLLFC
PLSTRB
PLSTBB
PLIDF3
PLIDF2
PLIDF1
PLIDF0
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
PLLBYP
PLLDPR
LOWEN
BST32K
00
00
Bit
RW
RST
Name
Description
3
RW
0
PLLBYP
PLL bypass enable
‘0’: disabled
‘1’: bypassed
2
RW
0
PLLDPR
PLL direct programming
‘0’: PLL configuration depends on MCS
‘1’: PLL configuration depends on I2C regs (0x72,
0x73 and 0x74)
1RW
0
LOWEN
Low clock enable
‘0’: if input clock is too slow, master clock will become
the internal oscillator clock (20 MHz), PLL bypassed
‘1’: disabled
0
RW
0
BST32K
Boost oversampling for fs = 32 kHz
‘0’: disabled
‘1’: input oversampling is selected x 3
Fout
Fin
IDF
----------
ND
FI
216
--------
+
⎝⎠
⎛⎞
when PLLFC = 1
×
=
Fout
Fin
IDF
----------
ND
()
when PLLFC = 0
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com