Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 72Page - STMicroelectronics STA321MPL1TR Datasheet HTML 73Page - STMicroelectronics STA321MPL1TR Datasheet HTML 74Page - STMicroelectronics STA321MPL1TR Datasheet HTML 75Page - STMicroelectronics STA321MPL1TR Datasheet HTML 76Page - STMicroelectronics STA321MPL1TR Datasheet HTML 77Page - STMicroelectronics STA321MPL1TR Datasheet HTML 78Page - STMicroelectronics STA321MPL1TR Datasheet HTML 79Page - STMicroelectronics STA321MPL1TR Datasheet HTML 80Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
Startup/shutdown pop noise removal
STA321MPL1
76/80
DocID029389 Rev 1
7.3
User-defined delay time (0x82) and (0x83)
Bit
RW
RST
Name
Description
3RW
0
RD
Startup/shutdown pop noise disable
1: the startup/shutdown tristate sequence used to remove
the pop noise is disabled
0: the startup/shutdown tristate signal sequence used to
remove the pop noise is enabled. This feature is available
only when PWMS output speed is set to 384 kHz.
Bit
RW
RST
Name
Description
4RW
0
RL0
Set a tristate duration (same value for
startup/shutdown pop noise removal)
5RW
0
RL1
6RW
0
RL2
7RW
0
RL3
RL[3:0]
Tristate duration
0000
default duration equal to 116 ms
0001
default value x2
0010
default value x3
0011
default value x4
0100
default value x5
0101
default value x6
0110
default value x7
D7
D6
D5
D4
D3
D2
D1
D0
UDDT15
UDDT14
UDDT13
UDDT12
UDDT11
UDDT10
UDDT9
UDDT8
00
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
UDDT7
UDDT6
UDDT5
UDDT4
UDDT3
UDDT2
UDDT1
UDDT0
11
111
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com