Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 6Page - STMicroelectronics STA321MPL1TR Datasheet HTML 7Page - STMicroelectronics STA321MPL1TR Datasheet HTML 8Page - STMicroelectronics STA321MPL1TR Datasheet HTML 9Page - STMicroelectronics STA321MPL1TR Datasheet HTML 10Page - STMicroelectronics STA321MPL1TR Datasheet HTML 11Page - STMicroelectronics STA321MPL1TR Datasheet HTML 12Page - STMicroelectronics STA321MPL1TR Datasheet HTML 13Page - STMicroelectronics STA321MPL1TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
Device overview
STA321MPL1
10/80
DocID029389 Rev 1
55
3.3-V capable TTL 2 mA output buffer
BICKO
Output serial clock
56
LRCKO
Output left/right clock
57
SDO_12
Output serial data channels 1 and 2
58
SDO_34
Output serial data channels 3 and 4
62
SDO_56
Output serial data channels 5 and 6
63
SDO_78
Output serial data channels 7 and 8
64
5-V tolerant TTL Schmitt trigger input buffer
PWDN
Device power-down
3, 12, 24, 28,
35, 44, 52, 59
3.3-V digital supply voltage
VDD
3.3-V supply
2, 4, 13, 27,
36, 45, 53, 60
Digital ground
GND
Ground
14, 21, 22,
26, 37, 46,
54, 61
NC
Not connected
Table 2. Pin description (continued)
Pin number
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com