Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 32Page - STMicroelectronics STA321MPL1TR Datasheet HTML 33Page - STMicroelectronics STA321MPL1TR Datasheet HTML 34Page - STMicroelectronics STA321MPL1TR Datasheet HTML 35Page - STMicroelectronics STA321MPL1TR Datasheet HTML 36Page - STMicroelectronics STA321MPL1TR Datasheet HTML 37Page - STMicroelectronics STA321MPL1TR Datasheet HTML 38Page - STMicroelectronics STA321MPL1TR Datasheet HTML 39Page - STMicroelectronics STA321MPL1TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
Registers
STA321MPL1
36/80
DocID029389 Rev 1
5.2.22
Channel 4 volume trim, mute, bypass (0x16)
5.2.23
Channel 5 volume trim, mute, bypass (0x17)
5.2.24
Channel 6 volume trim, mute, bypass (0x18)
5.2.25
Channel 7 volume trim, mute, bypass (0x19)
5.2.26
Channel 8 volume trim, mute, bypass (0x1A)
5.2.27
Fine volume (FineVol) (0x5B)
D7
D6
D5
D4
D3
D2
D1
D0
C4M
C4VBP
C4VT4
C4VT3
C4VT2
C4VT1
C4VT0
00
010
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C5M
C5VBP
C5VT4
C5VT3
C5VT2
C5VT1
C5VT0
00
010
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C6M
C6VBP
C6VT4
C6VT3
C6VT2
C6VT1
C6VT0
00
010
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C7M
C7VBP
C7VT4
C7VT3
C7VT2
C7VT1
C7VT0
00
010
00
0
D7
D6
D5
D4
D3
D2
D1
D0
C8M
C8VBP
C8VT4
C8VT3
C8VT2
C8VT1
C8VT0
00
010
00
0
D7
D6
D5
D4
D3
D2
D1
D0
CFINE8
CFINE7
CFINE6
CFINE5
CFINE4
CFINE3
CFINE2
CFINE1
00
000
00
0
Bit
RW
RST
Name
Description
0-7
RW
0
CFINEx
Set for each channel, a fine volume of -0.25 dB,
this value has to be added to the whole volume.
0: fine vol off
1: fine vol on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com