Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 33Page - STMicroelectronics STA321MPL1TR Datasheet HTML 34Page - STMicroelectronics STA321MPL1TR Datasheet HTML 35Page - STMicroelectronics STA321MPL1TR Datasheet HTML 36Page - STMicroelectronics STA321MPL1TR Datasheet HTML 37Page - STMicroelectronics STA321MPL1TR Datasheet HTML 38Page - STMicroelectronics STA321MPL1TR Datasheet HTML 39Page - STMicroelectronics STA321MPL1TR Datasheet HTML 40Page - STMicroelectronics STA321MPL1TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
DocID029389 Rev 1
37/80
STA321MPL1
Registers
80
The volume structure of the STA321MPL1 consists of individual volume registers for each
channel and a master volume register that provides an offset to each channel’s volume
setting. There is also an additional offset for each channel called channel volume trim. The
individual channel volumes are adjustable in 0.5 dB steps from 48 dB to -78 dB. As an
example, if C5V = 0xXX or +XXX dB and MV = 0xXX or -XX dB, then the total gain for
channel 5 = XX dB. The channel volume trim is adjustable independently on each channel
from -10 dB to 10 dB in 1 dB steps. A fine volume configuration register could be used to
offset each channel at 0.25 dB step.
The master mute when set to 1 mutes all channels at once, whereas the individual channel
mutes (CnM) mutes only that channel. Both the master mute and the channel mutes provide
a "soft mute" with the volume ramping down to mute in 8192 samples from the maximum
volume setting at the internal processing rate (~192 kHz). A "hard mute" can be obtained by
commanding a value of 0xFF (255) to any channel volume register or the master volume
register. When volume offsets are provided via the master volume register any channel
whose total volume is less than -91 dB is muted. All changes in volume take place at zero-
crossings when ZCE = 1 (configuration register H) on a per-channel basis as this creates
the smoothest possible volume transitions. When ZCE = 0, volume updates occur
immediately. Each channel also contains an individual channel volume bypass. If a
particular channel has volume bypassed via the CnVBP = 1 register, then only the channel
volume setting for that particular channel affects the volume setting, the master volume
setting does not affect that channel. Each channel also contains a channel mute. If CnM = 1,
a soft mute is performed on that channel.
MV[7:0]
Volume offset from channel value
0x00
0 dB
0x01
-0.5 dB
0x02
-1 dB
……
0x4C
-38 dB
……
0xFE
-127 dB
0xFF
Hardware channel mute
CnV[7:0]
Volume
0x00
48 dB
0x01
47.5 dB
0x02
47 dB
……
0x5F
0.5 dB
0x60
0 dB
0x61
-0.5 dB
……
0xFE
-79.5 dB
0xFF
Hardware channel mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com