Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 2Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 3Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 4Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 5Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 6Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 7Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 8Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 9Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Pin configuration
STOD03AS
6/25
DocID022614 Rev 2
2
Pin configuration
Figure 3. Pin configuration (top view)
Table 3. Pin description
Pin name
Pin n°
Description
Lx1
1
Switching node of the step-up converter
PGND
2
Power ground pin
VMID
3
Step-up converter output voltage (4.6V)
NC
4
Not internally connected
AGND
5
Signal ground pin. This pin must be connected to the power ground pin
VREF
6
Voltage reference output. 1µF bypass capacitor must be connected
between this pin and AGND
SWIRE
7
Negative voltage setting pin
EN
8
Enable control pin. ON = VINA. When pulled low it puts the device in
shutdown mode
VO2
9
Inverting converter output voltage (Default - 4.9V)
Lx2
10
Switching node of the inverting converter
VIN A
11
Analogic input supply voltage
ViN P
12
Power input supply voltage
Exposed
pad
Internally connected to AGND. Exposed pad must be connected to AGND
and PGND in the PCB layout in order to guarantee proper operation of the
device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com