Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 7Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 8Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 9Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 10Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 11Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 12Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 13Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 14Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID022614 Rev 2
11/25
STOD03AS
Typical performance characteristics
25
5
Typical performance characteristics
VO2 = - 4.9 V; TA = 25 °C; See Table 1 for external components used in the tests below.
Figure 4. Efficiency vs. input voltage
Figure 5. Efficiency vs. output current
Figure 6. Input current vs. VIN no load
Figure 7. Max. power output vs. VIN,
TA = 25 °C
Figure 8. Fast discharge VIN = 3.7 V, no load
Figure 9. Startup and inrush VIN = 3.7 V, no load
66%
68%
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
VIN [V]
Io=50mA
Io=100mA
Io=150mA
Io=200mA
50%
55%
60%
65%
70%
75%
80%
85%
90%
0
20
40
60
80
100
120
140
160
180
200
IOUT [mA]
VIN=2.7V
VIN=3.2V
VIN=3.7V
VIN=4.2V
100
150
200
250
300
350
400
450
500
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5
V
IN [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
max I
OUT at VO2 = -4.9V
max P
OUT
EN
V
MID
V
O2
I
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com