Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 14Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 15Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 16Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 17Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 18Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 19Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 20Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 21Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Detailed description
STOD03AS
18/25
DocID022614 Rev 2
8
Detailed description
8.1
General description
The STOD03AS is a high efficiency dual DC-DC converter which integrates a step-up and
inverting power stage suitable for supplying AMOLED panels. Thanks to the high level of
integration it needs only 6 external components to operate and it achieves very high
efficiency using a synchronous rectification technique for each of the two DC-DC
converters.
The controller uses an average current mode technique in order to obtain good stability and
precise voltage regulation in all possible conditions of input voltage, output voltage, and
output current. In addition, the peak inductor current is monitored in order to avoid saturation
of the coils.
The STOD03AS implements a power saving technique in order to maintain high efficiency at
very light load and it switches to PWM operation as the load increases in order to guarantee
the best dynamic performances and low noise operation.
The STOD03AS avoids battery leakage thanks to the true-shutdown feature and it is self
protected from overtemperature. Undervoltage lockout and soft-start guarantee proper
operation during startup.
8.1.1
Multiple operation modes
Both the step-up and the inverting stage of the STOD03AS operate in three different modes:
pulse skipping (PS), discontinuous conduction mode (DCM) and continuous conduction
mode (CCM). It switches automatically between the three modes according to input voltage,
output current, and output voltage conditions.
8.1.2
Pulse skipping operation
The STOD03AS works in pulse skipping mode when the load current is below some tens of
mA. The load current level at which this way of operation occurs depends on input voltage
only for the step-up converter and on input voltage and negative output voltage (VO2) for the
inverting converter.
8.1.3
Discontinuous conduction mode
When the load increases above a few mA, the STOD03AS enters DCM operation. In order
to obtain this type of operation the controller must avoid the inductor current going negative.
The discontinuous mode detector (DMD) blocks sense the voltage across the synchronous
rectifiers (P1B for the step-up and N2 for the inverting) and turn off the switches when the
voltage crosses a defined threshold which, in turn, represents a certain current in the
inductor. This current can vary according to the slope of the inductor current which depends
on input voltage, inductance value, and output voltage.
8.1.4
Continuous conduction mode
At medium/high output loads, the STOD03AS enters full CCM at constant switching
frequency mode for each of the two DC-DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com