Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 17Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 18Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 19Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 20Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 21Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 22Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 23Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 24Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DocID022614 Rev 2
23/25
STOD03AS
Package mechanical data
25
Figure 17. DFN 12L 3X3 footprint (a)
a.
All dimensions are in millimeters
8085116_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com