Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 1 Page - STMicroelectronics

  STOD03ASTPUR Datasheet HTML 1Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 2Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 3Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 4Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 5Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 6Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 7Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 8Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
July 2013
DocID022614 Rev 2
1/25
STOD03AS
Dual DC-DC converter for powering AMOLED displays
Datasheet
- production data
Features
• Step-up and inverter converters
• Operating input voltage range from 2.5 V to
4.5 V
• Synchronous rectification for both DC-DC
converters
• Minimum 200 mA output current
• 4.6 V fixed positive output voltage
• Programmable negative voltage by SWIRE from
-2.4 V to -5.4 V at 100 mV steps
• Typical efficiency: 85%
• Pulse skipping mode in light load condition
• 1.5 MHz PWM mode control switching
frequency
• Enable pin for shutdown mode
• Low quiescent current in shutdown mode
• Soft-start with inrush current protection
• Overtemperature protection
• Temperature range: -40 °C to 85 °C
• True-shutdown mode
• Fast discharge outputs of the circuits after
shutdown
• Short-circuit protection
• Package DFN12L (3 x 3 mm) 0.6 mm height
Applications
• Active matrix AMOLED power supply
• Cellular phones
• Camcorders and digital still cameras
• Multimedia players
Description
The STOD03AS is a dual DC-DC converter with
short-circuit protection for AMOLED display
panels. It integrates a step-up and an inverting
DC-DC converter making it particularly suitable
for battery operated products, in which the major
concern is overall system efficiency. It works in
pulse skipping mode during light load conditions
and PWM-MODE at 1.5 MHz frequency for
medium/high load conditions. The high frequency
allows the value and size of external components
to be reduced. The Enable pin allows the device
to be turned off, therefore reducing the current
consumption to less than 1 µA. The negative
output voltage can be programmed by an MCU
through a dedicated pin which implements single-
wire protocol. Soft-start with controlled inrush
current limit and thermal shutdown are integrated
functions of the device.
DFN12L (3 x 3 mm)
Table 1. Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD03ASTPUR
4.6V
-2.4V to -5.4V
DFN12L (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD03ASTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
More results

Similar Description - STOD03ASTPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com