Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03ASTPUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD03ASTPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ASTPUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD03ASTPUR Datasheet HTML 5Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 6Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 7Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 8Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 9Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 10Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 11Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 12Page - STMicroelectronics STOD03ASTPUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID022614 Rev 2
9/25
STOD03AS
Electrical characteristics
25
ΔV
MID LT
Line transient
VINA,P=3.5V to 3.0V,
IMID=100mA; TR=TF=50µs
-12
mV
ΔVMIDT
Load transient regulation
IMID=3 to 30mA and IMID=30
to 3mA, TR=TF=30µs
±20
mV
IMID=10 to 100mA and
IMID=100 to 10mA,
TR=TF=30µs
±25
mV
VMID-PP
TDMA noise line transient
regulation
IMID=5 to 100mA; VINA,P
=2.9V to 3.4V; F=200Hz;
TR=TF=50µs; IO2 no load
±20
mV
IMID MAX
Max. step-up load current
VINA,P=2.9V to 4.5V
200
mA
I-L1MAX
Step-up inductor peak current
VMID 10% below of nominal
value
0.9
1.1
A
RDSONP1
P-channel static drain-source
ON resistance
VINA,P=3.7V, ISW=100mA
1.0
2.0
W
RDSONN1
N-channel static drain-source
ON resistance
VINA,P=3.7V, ISW=100mA
0.4
1.0
W
Inverting converter section
VO2
Output negative voltage range
31 different values set by the
SWIRE pin
(see Section 6.1.2)
-5.4
-2.4
V
Output negative voltage total
variation on default value
VINA=VINP=2.5V to 4.5V;
IO2=5mA to 150mA, IMID no
load, TJ=25°C
-4.97
-4.9
-4.83
V
Temperature accuracy
VINA=VINP=3.7V; IO2=5mA,
IMID no load,
TJ=-40°C to +85°C
±0.5
%
ΔV
O2 LT
Line transient
VINA,P=3.5V to 3.0V,
IO2=100mA, TR=TF=50µs
+12
mV
ΔV
O2T
Load transient regulation
IO2=3 to 30mA and IO2=30 to
3mA, TR=TF=100µs
±20
mV
Load transient regulation
IO2=10 to 100mA and
IO2=100 to 10mA,
TR=TF=100µs
±25
mV
VO2-PP
TDMA noise line transient
regulation
IO2=5 to 100mA; VINA,P
=2.9V to 3.4V; F=200Hz;
TR=TF=50µs; IMID no load
±25
mV
IO2
Maximum inverting output
current
VINA,P=2.9V to 4.5V
-200
mA
I-L2MAX
Inverting peak current
VO2 below 10% of nominal
value
-1.2
-0.9
A
RDSONP2
P-channel static drain-source
ON resistance
VINA,P=3.7V, ISW=100mA
0.42
W
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com